Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C320-ENG Datasheet(PDF) 22 Page - Dallas Semiconductor

Part # DS80C320-ENG
Description  High-Speed/Low-Power Micro
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C320-ENG Datasheet(HTML) 22 Page - Dallas Semiconductor

Back Button DS80C320-ENG Datasheet HTML 18Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 19Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 20Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 21Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 22Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 23Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 24Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 25Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 26Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
DS80C320/DS80C323
22 of 42
TYPICAL ICC VERSUS FREQUENCY Figure 5
DS80C320 AC CHARACTERISTICS UP TO 25 MHz
PARAMETER
SYMBOL
25
MHz
MIN
25
MHz
MAX
VARIABLE
CLOCK
MIN
VARIABLE
CLOCK
MAX
UNITS
Oscillator Freq.
(Ext. Osc.)
(Ext. Crystal)
1/tCLCL
0
1
25
25
0
1
25
25
MHz
ALE Pulse Width
tLHLL
50
1.5tCLCL-10
ns
Port 0 Address Valid
to ALE Low
tAVLL
9
0.5tCLCL-11
ns
Address Hold After
ALE Low
tLLAX1
5
note 5
0.25tCLCL-5
note 5
ns
Address Hold After
ALE Low for MOVX
WR
tLLAX2
13
0.5tCLCL-7
ns
ALE Low to Valid
Instruction In
tLLIV
73
2.5tCLCL-27
ns
ALE Low to PSEN Low
tLLPL
3
0.25tCLCL-7
ns
PSEN
Pulse Width
tPLPH
83
2.25tCLCL-7
ns
PSEN
Low to Valid
Instruction In
tPLIV
69
2.25tCLCL-21
ns
Input Instruction Hold
After PSEN
tPXIX
0
0
ns
Input Instruction Float
After PSEN
tPXIZ
35
tCLCL-5
ns
Port 0 Address to Valid
Instruction In
tAVIV1
93
3tCLCL-27
ns
Port 2 Address to Valid
Instruction In
tAVIV2
107
3.5tCLCL-33
ns
PSEN
Low to
Address Float
tPLAZ
note 5
note 5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com