Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C320-ENG Datasheet(PDF) 32 Page - Dallas Semiconductor

Part # DS80C320-ENG
Description  High-Speed/Low-Power Micro
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C320-ENG Datasheet(HTML) 32 Page - Dallas Semiconductor

Back Button DS80C320-ENG Datasheet HTML 28Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 29Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 30Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 31Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 32Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 33Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 34Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 35Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 36Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
DS80C320/DS80C323
32 of 42
DS80C320/DS80C323 POWER CYCLE TIMING CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Crystal Start- up Time
tCSU
1.8
ms
1
Power-on Reset Delay
tPOR
65536
tCLCL
2
NOTES FOR POWER CYCLE TIMING CHARACTERISTICS:
1. Start- up time for crystals varies with load capacitance and manufacturer. Time shown is for an
11.0592 MHz crystal manufactured by Fox crystal.
2. Reset delay is a synchronous counter of crystal oscillations after crystal start-up. Counting begins
when the level on the XTAL1 input meets the VIH2 criteria. At 25 MHz, this time is 2.62 ms.
PROGRAM MEMORY READ CYCLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com