Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1L60MF Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPS1L60MF
Description  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L60MF Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STPS1L60MF Datasheet HTML 2Page - STMicroelectronics STPS1L60MF Datasheet HTML 3Page - STMicroelectronics STPS1L60MF Datasheet HTML 4Page - STMicroelectronics STPS1L60MF Datasheet HTML 5Page - STMicroelectronics STPS1L60MF Datasheet HTML 6Page - STMicroelectronics STPS1L60MF Datasheet HTML 7Page - STMicroelectronics STPS1L60MF Datasheet HTML 8Page - STMicroelectronics STPS1L60MF Datasheet HTML 9Page - STMicroelectronics STPS1L60MF Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Characteristics
STPS1L60
6/10
Doc ID 7504 Rev 8
Figure 19.
Thermal resistance junction to ambient versus copper surface under tab (STmite flat)
Figure 17.
Thermal resistance junction to
ambient versus copper surface
under each lead (SMA)
Figure 18.
Thermal resistance versus lead
length (DO-41)
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SMA
Scu(cm²)
Rth(j-a)(°C/W)
Epoxy printed circuit board FR4
copper thickness = 35 µm
0
20
40
60
80
100
120
510
15
20
Lleads(mm)
25
Rth(°C/W)
DO-41
Rth(j-a)
Rth(j-l)
0
25
50
75
100
125
150
175
200
225
250
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
STmite flat
Rth(j-a)(°C/W)
Scu(cm²)
Epoxy printed circuit board FR4
copper thickness = 35 µm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com