Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1L60MF Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS1L60MF
Description  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L60MF Datasheet(HTML) 3 Page - STMicroelectronics

  STPS1L60MF Datasheet HTML 1Page - STMicroelectronics STPS1L60MF Datasheet HTML 2Page - STMicroelectronics STPS1L60MF Datasheet HTML 3Page - STMicroelectronics STPS1L60MF Datasheet HTML 4Page - STMicroelectronics STPS1L60MF Datasheet HTML 5Page - STMicroelectronics STPS1L60MF Datasheet HTML 6Page - STMicroelectronics STPS1L60MF Datasheet HTML 7Page - STMicroelectronics STPS1L60MF Datasheet HTML 8Page - STMicroelectronics STPS1L60MF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STPS1L60
Characteristics
Doc ID 7504 Rev 8
3/10
Figure 1.
Average forward power dissipation
versus average forward current
Figure 2.
Average forward current versus
ambient temperature (
δ = 0.5)
(SMA)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.2
0.4
0.6
0.8
1.0
1.2
PF(AV)(W)
T
δ = tp /T
tp
δ = 0.05
δ = 0.1 δ = 0.2
δ = 0.5
δ = 1
IF(AV)(A)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
SMA
Rth(j-a) = Rth(j-l)
Rth(j-a) = 120 °C/W
IF(AV)(A)
T
δ = tp /T
tp
Tamb(°C)
Figure 3.
Average forward current versus
ambient temperature (
δ = 0.5)
(DO-41)
Figure 4.
Average forward current versus
ambient temperature (
δ = 0.5)
(STmite flat)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
T
δ = tp /T
tp
IF(AV)(A)
Tamb(°C)
Rth(j-a) = Rth(j-l)
DO-41
Rth(j-a) = 100 °C/W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
IF(AV)(A)
T
δ = tp /T
tp
Rth(j-a) = Rth(j-c)
STmite flat
Rth(j-a) = 250 °C/W
Tamb(°C)
Figure 5.
Normalized avalanche power
derating versus pulse duration
Figure 6.
Normalized avalanche power
derating versus junction
temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(tp)
P
(1 µs)
ARM
ARM
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(Tj)
P
(25 °C)
ARM
ARM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com