Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1L60MF Datasheet(PDF) 8 Page - STMicroelectronics

Part # STPS1L60MF
Description  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L60MF Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STPS1L60MF Datasheet HTML 2Page - STMicroelectronics STPS1L60MF Datasheet HTML 3Page - STMicroelectronics STPS1L60MF Datasheet HTML 4Page - STMicroelectronics STPS1L60MF Datasheet HTML 5Page - STMicroelectronics STPS1L60MF Datasheet HTML 6Page - STMicroelectronics STPS1L60MF Datasheet HTML 7Page - STMicroelectronics STPS1L60MF Datasheet HTML 8Page - STMicroelectronics STPS1L60MF Datasheet HTML 9Page - STMicroelectronics STPS1L60MF Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package information
STPS1L60
8/10
Doc ID 7504 Rev 8
Figure 21.
Footprint dimensions
Table 6.
STmite flat dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
0.85
0.95
0.031 0.033 0.037
b
0.40
0.55
0.65
0.016 0.022 0.026
b2
0.70
0.85
1.00
0.027 0.033 0.039
c
0.10
0.15
0.25
0.004 0.006 0.009
D
1.75
1.90
2.05
0.069 0.075 0.081
E
3.60
3.80
3.90
0.142 0.150 0.154
E1
2.80
2.95
3.10
0.110 0.116 0.122
L
0.50
0.55
0.80
0.020 0.022 0.031
L1
2.10
2.40
2.60
0.083 0.094 0.102
L2
0.45
0.60
0.75
0.018 0.024 0.030
L3
0.20
0.35
0.50
0.008 0.014 0.020
Table 7.
DO-41 (plastic) dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.07
5.20
0.160
0.205
B
2.04
2.71
0.080
0.107
C25.4
1
D
0.71
0.86
0.028
0.034
E1
E
c
D
b
L3
A
L
L1
L2
b2
0.85 0.63
2.00
millimeters
(inches)
4.13
0.95
1.95
0.65
0.65
(0.033)
(0.079)
(0.037)
(0.077)
(0.026)
(0.163)
(.025)
(.026)
ØD ØB
A
CC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com