Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1L60MF Datasheet(PDF) 9 Page - STMicroelectronics

Part # STPS1L60MF
Description  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L60MF Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STPS1L60MF Datasheet HTML 2Page - STMicroelectronics STPS1L60MF Datasheet HTML 3Page - STMicroelectronics STPS1L60MF Datasheet HTML 4Page - STMicroelectronics STPS1L60MF Datasheet HTML 5Page - STMicroelectronics STPS1L60MF Datasheet HTML 6Page - STMicroelectronics STPS1L60MF Datasheet HTML 7Page - STMicroelectronics STPS1L60MF Datasheet HTML 8Page - STMicroelectronics STPS1L60MF Datasheet HTML 9Page - STMicroelectronics STPS1L60MF Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
STPS1L60
Ordering information
Doc ID 7504 Rev 8
9/10
3
Ordering information
4
Revision history
Table 8.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
STPS1L60A
GB6
SMA
0.068 g
5000
Tape and reel
STPS1L60
STPS1L60
DO-41
0.34 g
2000
Ammopack
STPS1L60RL
STPS1L60
DO-41
0.34 g
5000
Tape and reel
STPS1L60MF
F1L6
STmite flat
0.016 g
12000
Tape and reel
Table 9.
Document revision history
Date
Revision
Changes
Jul-2003
5A
Last update.
Aug-2004
6
SMA package dimensions update. Reference A1 max changed from
2.70 mm (0.106 inc.) to 2.03 mm (0.080 inc).
25-Jun-2009
7
Added package STmite flat. Updated ECOPACK statement.
30-Sep-2009
8
Updated table 7 ref. “ C “.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com