Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICLS602X Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # ICLS602X
Description  LED System Driver ICs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICLS602X Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button ICLS602X Datasheet HTML 5Page - Infineon Technologies AG ICLS602X Datasheet HTML 6Page - Infineon Technologies AG ICLS602X Datasheet HTML 7Page - Infineon Technologies AG ICLS602X Datasheet HTML 8Page - Infineon Technologies AG ICLS602X Datasheet HTML 9Page - Infineon Technologies AG ICLS602X Datasheet HTML 10Page - Infineon Technologies AG ICLS602X Datasheet HTML 11Page - Infineon Technologies AG ICLS602X Datasheet HTML 12Page - Infineon Technologies AG ICLS602X Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
LED System Driver ICs
ICLS6x Series
Pin Configuration and Functionality
Data Sheet
9
Version 1.0, 2011-05-19
1
Pin Configuration and Functionality
1.1
Pin Configuration for PG-DIP-8-6
1.2
PG-DIP-8-6 Package
Figure 2
Pin configuration of PG-DIP-8-6 (top view)
Table 1
Pin Configuration for PG-DIP-8-6
Pin
Symbol
Function
1
SoftS
Soft start
2
FB
Feedback
3
CS
Current Sense / 650 V1) depletion CoolMOS source™
1) @ Tj = 110 °C
4Drain
650 V1) depletion CoolMOS source™
5Drain
650 V1) depletion CoolMOS source™
6
n.c.
Not connected
7
VCC
Controller supply voltage
8
GND
Controller ground
1
6
7
8
4
3
2
5
GND
SoftS
FB
CS
VCC
N.C
Drain
Drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com