Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICLS602X Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # ICLS602X
Description  LED System Driver ICs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICLS602X Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button ICLS602X Datasheet HTML 17Page - Infineon Technologies AG ICLS602X Datasheet HTML 18Page - Infineon Technologies AG ICLS602X Datasheet HTML 19Page - Infineon Technologies AG ICLS602X Datasheet HTML 20Page - Infineon Technologies AG ICLS602X Datasheet HTML 21Page - Infineon Technologies AG ICLS602X Datasheet HTML 22Page - Infineon Technologies AG ICLS602X Datasheet HTML 23Page - Infineon Technologies AG ICLS602X Datasheet HTML 24Page - Infineon Technologies AG ICLS602X Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
LED System Driver ICs
ICLS6x Series
Functional Description
Data Sheet
21
Version 1.0, 2011-05-19
3.6
Control Unit
The Control Unit contains the functions for the Auto Restart and Floating Load Protection (FLP) modes. The Auto
Restart mode is combined with an adjustable blanking window, which varies according to the value of the external
soft start capacitor. The IC avoids entering into either of these two modes accidentally by means of this adjustable
blanking window. The window also provides a certain time during which overload detection is delayed. This delay
is useful for applications that normally work with a low current and occasionally require a short duration of high
current.
3.6.1
Adjustable Blanking Window
VSoftS swings between 3.2 V and 3.6 V after the LED drive has settled and S2 is on while S3 is off. This behavior
is due to the frequency jittering function that makes use of the soft start pin. If overload occurs, VFB exceeds 4.5 V.
The Auto Restart mode cannot be entered as the gate G5 is still blocked by the comparator C3. However, after
VFB has exceeded 4.5 V, the switch S2 is opened and S3 is closed. The external soft start capacitor can then be
further charged by the integrated pull-up resistor RSoftS through the switch S3. The comparator C3 releases the
gate G5 once VSoftS has exceeded 4.0 V. This means that Auto Restart mode cannot be entered during the
charging time of the external capacitor CSoftS.
Figure 15
Adjustable blanking window
C3
4.0V
C4
4.5V
&
G5
3.0V
S1
Control Unit
Auto
Restart
Mode
RSoftS
5V
SoftS
FB
Frequency
Jitter
S2
S3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com