Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICLS602X Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # ICLS602X
Description  LED System Driver ICs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICLS602X Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button ICLS602X Datasheet HTML 9Page - Infineon Technologies AG ICLS602X Datasheet HTML 10Page - Infineon Technologies AG ICLS602X Datasheet HTML 11Page - Infineon Technologies AG ICLS602X Datasheet HTML 12Page - Infineon Technologies AG ICLS602X Datasheet HTML 13Page - Infineon Technologies AG ICLS602X Datasheet HTML 14Page - Infineon Technologies AG ICLS602X Datasheet HTML 15Page - Infineon Technologies AG ICLS602X Datasheet HTML 16Page - Infineon Technologies AG ICLS602X Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
LED System Driver ICs
ICLS6x Series
Functional Description
Data Sheet
13
Version 1.0, 2011-05-19
3
Functional Description
All values used in the functional description are typical values. When calculating the worst cases, the
minimium/maximum values listed in Electrical Characteristics on page 24 have to be considered.
3.1
Introduction
For ICLS6x Series controllers, a high voltage startup cell is integrated into the system IC, which is switched off
once the undervoltage lockout-on threshold of 18 V is exceeded. This startup cell is part of the integrated depletion
CoolMOS™. The external startup resistor is no longer necessary as the startup cell is connected to the drain,
resulting in reduced power losses. This increases the efficiency under light load conditions drastically.
The soft start capacitor is also used for providing an adjustable blanking window for high load jumps. The overload
detection function is disabled during this window. With this concept, no further external components are necessary
to adjust the blanking window.
An Auto Restart mode is implemented in the IC to reduce the average power conversion in the event of malfunction
or unsafe operating conditions in the LED drives. This feature increases the system’s robustness and safety, which
would otherwise lead to a destruction of the LED drive. Once the malfunction is corrected, normal operation is
automatically initiated after the next startup phase.
Together with the soft start capacitor, the feedback can also sense a missing load, which leads to rising output
and auxiliary voltages. This triggers the Floating Load Protection (FLP) mode. When feedback falls below 1.35 V,
the Soft Start voltage begins to rise up to a threshold of 4 V (depends on the C4 value) and the IC is switched into
FLP mode.
The precise internal peak current limitation reduces the costs for the transformer and the secondary diode. The
influence of the change in the input voltage on the power limitation can be avoided together with the integrated
Propagation Delay Compensation circuit. Consequently, the maximum power is practically independent of the
input voltage required for wide range LED drives. There is no need for additional oversizing of the LED drives –
e.g., for the transformer or the secondary diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com