Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICLS602X Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # ICLS602X
Description  LED System Driver ICs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICLS602X Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button ICLS602X Datasheet HTML 18Page - Infineon Technologies AG ICLS602X Datasheet HTML 19Page - Infineon Technologies AG ICLS602X Datasheet HTML 20Page - Infineon Technologies AG ICLS602X Datasheet HTML 21Page - Infineon Technologies AG ICLS602X Datasheet HTML 22Page - Infineon Technologies AG ICLS602X Datasheet HTML 23Page - Infineon Technologies AG ICLS602X Datasheet HTML 24Page - Infineon Technologies AG ICLS602X Datasheet HTML 25Page - Infineon Technologies AG ICLS602X Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
LED System Driver ICs
ICLS6x Series
Functional Description
Data Sheet
22
Version 1.0, 2011-05-19
3.6.2
Protection Modes
The IC provides several protection features to increase the LED drive’s robustness and safety. The following table
shows the possible system failures and the corresponding protection modes.
3.6.2.1
Auto Restart Mode during Startup
The VCC voltage is observed by the comparator C13 if 20.5 V is exceeded. The output of C13 is combined with
both the output of C3, which checks for VSoftS < 4.0 V, and the output of C4, which checks for VFB > 4.5 V.
Therefore, overvoltage detection can only be active during the soft start phase (VSoftS < 4.0 V) and if the FB signal
is outside the operating range (> 4.5 V). This means any small voltage overshoots of VVCC occurring during normal
operation cannot trigger the Auto Restart mode during startup.
Figure 16
Auto Restart mode during startup
In order to ensure system reliability and prevent any false activation, a blanking time is implemented before the IC
can enter Auto Restart mode during startup. The output of the VCC overvoltage detection circuit is fed into a spike
blanking with a time constant of 8.0 µs.
Table 3
Protection modes
VCC Overvoltage
Auto Restart mode during startup
Overtemperature
Auto Restart mode during RUN mode
Overload
Auto Restart mode during RUN mode
Open Loop
Auto Restart mode during RUN mode
VCC Undervoltage
Auto Restart mode during RUN mode
Floating Load Protection (FLP)
Floating Load Protection mode
C3
Spike
Blanking
8.0us
Thermal Shutdown
Tj >140°C
Auto
Restart
Mode
Internal
Bias
Control Unit
C13
20.5V
VCC
C4
4.5V
FB
4.0V
SoftS
&
G12
&
G13
FF2
R
S
Q
UVLO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com