Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3841 Datasheet(PDF) 3 Page - NEC

Part # 2SC3841
Description  UHF OSCILLATOR AND UHF MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC3841 Datasheet(HTML) 3 Page - NEC

  2SC3841 Datasheet HTML 1Page - NEC 2SC3841 Datasheet HTML 2Page - NEC 2SC3841 Datasheet HTML 3Page - NEC 2SC3841 Datasheet HTML 4Page - NEC 2SC3841 Datasheet HTML 5Page - NEC 2SC3841 Datasheet HTML 6Page - NEC 2SC3841 Datasheet HTML 7Page - NEC 2SC3841 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
2SC3841
S-PARAMETER
VCE = 10 V, IC = 5 mA, ZO = 50

f (MHz)
S11 S11
S21 S21
S12 S12
S22 S22
50
100
200
300
400
500
600
700
800
900
1000
1100
1200
1.047
0.944
0.750
0.562
0.468
0.394
0.372
0.359
0.343
0.339
0.320
0.339
0.351
3
18
56
84
106
123
138
150
164
172
178
170
168
14.240
13.693
10.802
8.270
6.449
5.399
4.421
3.824
3.388
3.020
2.692
2.483
2.291
178
164
137
118
105
97
89
83
77
73
67
64
61
0.003
0.026
0.058
0.078
0.091
0.106
0.120
0.133
0.146
0.158
0.172
0.188
0.204
42
81
66
59
58
58
59
59
58
59
59
59
59
1.012
0.989
0.759
0.582
0.484
0.417
0.343
0.309
0.288
0.292
0.279
0.279
0.279
3
10
30
39
40
45
44
48
53
54
61
57
61



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com