Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3841 Datasheet(PDF) 2 Page - NEC

Part # 2SC3841
Description  UHF OSCILLATOR AND UHF MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC3841 Datasheet(HTML) 2 Page - NEC

  2SC3841 Datasheet HTML 1Page - NEC 2SC3841 Datasheet HTML 2Page - NEC 2SC3841 Datasheet HTML 3Page - NEC 2SC3841 Datasheet HTML 4Page - NEC 2SC3841 Datasheet HTML 5Page - NEC 2SC3841 Datasheet HTML 6Page - NEC 2SC3841 Datasheet HTML 7Page - NEC 2SC3841 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
2SC3841
TYPICAL CHARACTERISTICS (TA = 25
C)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
IC-Collector Current-mA
0.1
0.2
0.5
1
2
5
10
20
40
0.05
20
10
5
50
100
200
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
IC-Collector Current-mA
12
5
10
20
40
0.5
0.1
0.2
0.5
1
2
5
7
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
VBE-Base to Emitter Voltage-V
0.6
0.7
0.8
0.9
0.5
1
2
5
10
20
50
70
INSERTION GAIN vs.
COLLECTOR CURRENT
IC-Collector Current-mA
12
5
10
20
40
0.5
0
5
10
15
VCE = 10 V
VCE = 10 V
VCE = 10 V
OUTPUT CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
VCB-Collector to Base Voltage-V
12
5
10
20
0.5
2
1
3
f = 1.0 MHz
CC.rb'b vs.
COLLECTOR CURRENT
IC-Collector Current-mA
0.5
1
2
5
10
20
40
0
4
2
6
8
10
VCE = 10 V
IE =
−50 mA
f = 39.1 MHz
VCE = 10 V
f = 1.0 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com