Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3841 Datasheet(PDF) 4 Page - NEC

Part # 2SC3841
Description  UHF OSCILLATOR AND UHF MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC3841 Datasheet(HTML) 4 Page - NEC

  2SC3841 Datasheet HTML 1Page - NEC 2SC3841 Datasheet HTML 2Page - NEC 2SC3841 Datasheet HTML 3Page - NEC 2SC3841 Datasheet HTML 4Page - NEC 2SC3841 Datasheet HTML 5Page - NEC 2SC3841 Datasheet HTML 6Page - NEC 2SC3841 Datasheet HTML 7Page - NEC 2SC3841 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
2SC3841
S-PARAMETER
50
00
60
70
80
90
100
110
120
130
0.32
0.18
0.34
0.16
0.36
0.14
0.38
0.12
0.40
0.10
0.42
0.08
0.17
0.15
0.13
0.11
0.09
0.07
0.33
0.35
0.37
0.39
0.41
0.43
50
10
6.0
4.0
3.0
0.2
0.4
0.6
0.8
1.0
0.3
0.2
0.1
0.2
0.8
0.6
0.4
0.4
REACTANCE COMPONENT
(
R
––––
ZO )
EN
T
20
S11e, S22e-FREQUENCY
S21e-FREQUENCY
90
°
0
°
30
°
−30°
60
°
−60°
180
°
150
°
−150°
120
°
−120°
−90°
4
8
12
16
20
S21
0.2 GHz
1.2 GHz
0.05 GHz
0.1 GHz
90
°
0
°
30
°
−30°
60
°
−60°
180
°
150
°
−150°
120
°
−120°
−90°
0.05
0.11
0.15
0.2 0.25
S12
S12e-FREQUENCY
CONDITION VCE = 10 V, IC = 5 mA, ZO = 50
Ω
CONDITION VCE = 10 V, IC = 5 mA
CONDITION VCE = 10 V, IC = 5 mA
1.2 GHz
1.2 GHz
0.2 GHz
0.2 GHz
0.1 GHz
0.1 GHz
0.05 GHz
S11
S22
0.2 GHz
1.2 GHz
0.1 GHz
0.05 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com