Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3841 Datasheet(PDF) 1 Page - NEC

Part # 2SC3841
Description  UHF OSCILLATOR AND UHF MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC3841 Datasheet(HTML) 1 Page - NEC

  2SC3841 Datasheet HTML 1Page - NEC 2SC3841 Datasheet HTML 2Page - NEC 2SC3841 Datasheet HTML 3Page - NEC 2SC3841 Datasheet HTML 4Page - NEC 2SC3841 Datasheet HTML 5Page - NEC 2SC3841 Datasheet HTML 6Page - NEC 2SC3841 Datasheet HTML 7Page - NEC 2SC3841 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
SILICON TRANSISTOR
2SC3841
UHF OSCILLATOR AND UHF MIXER
NPN SILICON EPITAXIAL TRANSISTOR
MINI MOLD
DATA SHEET
Document No. P10362EJ1V1DS00 (1st edition)
Date Published March 1997 N
Printed in Japan
1986
©
DESCRIPTION
The 2SC3841 is an NPN silicon epitaxial transistor intended for use as
UHF oscillators and a UHF mixer in a tuner of a TV receiver.
The device features stable oscillation and small frequency drift against
any change of the supply voltage and the ambient temperature.
It is designed for use in small type equipments especially recommendd
for Hybried Integrated Circuit and other applications.
FEATURES
• High Gain Bandwidth Procuct; fT = 4.0 GHz TYP.
• Low Collector to Base Time Constant; CC  rb’b = 4.0 ps TYP.
• Low Output Capacitance; Cob = 1.5 pF MAX.
ABSOLUTE MAXIMUM RATINGS (TA = 25
C)
Maximum Voltages and Current
Collector to Base Voltage
VCBO
25
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
3V
Collector Current
IC
30
mA
Maximum Power Dissipation
Total Power Dissipation
PT
200
mW
Maximum Power Temperutures
Junction Temperature
Tj
150
C
Storage Temperature
Tstg
55 to +150
C
ELECTRICAL CHARACTERISTICS (TA = 25
C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cutoff Current
ICBO
0.1
AVCB = 10 V, IE = 0
DC Current Gain
hFE
40
100
200
VCE = 10 V, IC = 5.0 mA
Collector Saturation Voltage
VCE(sat)
0.09
0.5
V
IC = 10 mA, IB = 1.0 mA
Gain Bandwidth Product
fT
2.5
4.0
GHz
VCE = 10 V, IE =
5.0 mA
Output Capacitance
Cob
0.85
1.5
pF
VCB = 10 V, IE = 0, f = 1.0 MHz
Collector to Base Time Constatnt
CC  rb’b
4.0
10.0
ps
VCE = 10 V, IE =
5.0 mA, f = 31.9 MHz
hFE Classification
Class
T62/P *
T63/Q *
T64/R *
Marking
T62
T63
T64
hFE
40 to 80
60 to 120
100 to 200
* Old Specification / New Specification
PACKAGE DIMENSIONS
(Units: mm)
1.5
2
1
3
Marking
PIN CONNECTIONS
1.
2.
3.
Emitter
Base
Collector
2.8±0.2
0.65
+0.1
−0.15


Similar Part No. - 2SC3841

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC3841 ISC-2SC3841 Datasheet
223Kb / 5P
High Current-Gain Bandwidth Product
logo
Foshan Blue Rocket Elec...
2SC3841 FOSHAN-2SC3841 Datasheet
646Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
More results

Similar Description - 2SC3841

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3545 NEC-2SC3545 Datasheet
98Kb / 8P
UHF OSCILLTOR AND MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC4182 NEC-2SC4182 Datasheet
47Kb / 6P
UHF/VHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4183 NEC-2SC4183 Datasheet
44Kb / 6P
RF AMPLIFIER FOR UHF TV TUNER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4184 NEC-2SC4184 Datasheet
38Kb / 6P
UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4185 NEC-2SC4185 Datasheet
44Kb / 6P
UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4186 NEC-2SC4186 Datasheet
47Kb / 8P
UHF OSCILLATOR AND UHF MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC4568 NEC-2SC4568 Datasheet
51Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR UHF TV TUNER OSC/MIXER
2SC4569 NEC-2SC4569 Datasheet
51Kb / 8P
UHF TV TUNER OSC/MIXER NPN SILICON EPITAXIAL TRANSISTOR
logo
NTE Electronics
NTE15 NTE-NTE15 Datasheet
20Kb / 2P
Silicon NPN Transistor VHF Amp, Mixer, Oscillator, UHF OSC
logo
Renesas Technology Corp
2SC1623-T1B-A RENESAS-2SC1623-T1B-A Datasheet
229Kb / 7P
NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com