Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZADCS146 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ZADCS146
Description  12-Bit, 200ksps, ADC Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZADCS146 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ZADCS146 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
ZADCS146/147
12-Bit, 200ksps, ADC Family
Data Sheet
October 12, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 2.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
10 of 25
1.3.2. Specific Parameters of ZADCS146 versions
(VDD = +2.7V to + 5.25V; fSCLK = 3.2MHz (50% duty cycle); 16 clocks/conversion cycle (200 ksps); OP = OPmin … OPmax)
Parameter
Symbol Conditions
Min
Typ
Max
Unit
Internal Reference at VREF
VREF Output Voltage
TA = + 25°C
2.480
2.500
2.520
V
VREF Short-Circuit Current
30
mA
VREF Temperature Coefficient
± 30
± 50
ppm/°C
Load Regulation
0 to 0.2mA output load
0.35
mV
Capacitive Bypass at VREF
4.7
µF
Capacitive Bypass at REFADJ
0.047
µF
REFADJ Adjustment Range
 1.5
%
External Reference at VREF (internal buffer disabled by V(REFADJ) = VDD)
VREF Input Voltage Range
1.0
VDD +
50mV
V
VREF Input Current
VREF = 2.5V
180
215
µA
VREF Input Resistance
11.5
14
k
Shutdown VREF Input Current
0.1
µA
REFADJ Buffer Disable Threshold
VDD-
0.5
V
External Reference at VREF_ADJ
Reference Buffer Gain
2.00
VREF_ADJ Input Current
±80
µA
Full Power Down
VREFADJ Input Current
Full Power-Down mode
0.1
µA
Power Requirements
Positive Supply Voltage
VDD
2.7
5.25
V
Operating Mode ext. VREF
0.85
1.0
mA
Operating Mode int. VREF
1.3
1.4
mA
Fast Power-Down
250
300
Positive Supply Current
ZADCS146
ZADCS147
IDD
VDD=3.6V
Full Power-Down
0.5
4.0
µA
Operating Mode ext. VREF
1.00
1.3
mA
Operating Mode int. VREF
1.40
1.6
mA
Fast Power-Down
250
300
Positive Supply Current
ZADCS146
ZADCS147
IDD
VDD=5.2V
Full Power-Down
0.5
4.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com