Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZADCS146 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ZADCS146
Description  12-Bit, 200ksps, ADC Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZADCS146 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ZADCS146 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
ZADCS146/147
12-Bit, 200ksps, ADC Family
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 2.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner.
The information furnished in this publication is PRELIMINARY and subject to changes without notice.
Brief Description
The ZMDI ZADCS146 and ZADCS147 are 12-Bit
low power analog-to-digital (A/D) converters with
up to 250ksps conversion rate. The converter is
based
on
successive-approximation-register
architecture.
All converters have an 8-channel input multiplexer
and a high-bandwidth a track/hold circuit. All
analog inputs are software configurable as eight /
four/two single ended or four/two/one differential
analog input channels as well as for unipolar or
bipolar output coding.
The ZADCS146 and ZADCS147 operate from a
single +2.7V to +5.25V supply.
The synchronous four wire serial interface
connects directly to a microcontroller using one of
the standards like SPI™, QSPI™, and Microwire™
without external components.
The ZADCS146 and ZADCS147 use either the
external serial-interface clock or an internally
generated
clock
to
perform
successive-
approximation analog-to-digital conversions. The
internal clock mode can be used to run
synchronous conversions on several ZMDI ADCs
in parallel.
The ZADCS 146 is equipped with a high accurate
internal 2.5V reference with an additional external
±1.5% voltage adjustment range.
The device provides a hard-wired shut-down pin
(nSHDN) and software-selectable power-down
modes to automatically shut down the IC at the
end of a conversion. Accessing the serial interface
automatically powers up the ZADCS146 and
ZADCS147. A quick turn-on time allows the device
to be shut down between measurements.
Features
12-Bit resolution SAR ADC
8 channel single or 4 channel diff. inputs
Software configurable uni- or bipolar output code
SPI™/QSPI™, Microwire™ compatible serial
interface
No missing codes
Low power consumption
Internal 2.5V reference (only ZADCS146)
Software programmable power down mode
Single-Supply Operation +2.5V to +5.25V
Benefits
Accurate measurements
Long battery life cycles due to low power
consumption
Available Support
ZADCS146 Kit
- Evaluation Kit for ZADCS146 and ZADCS147
based on ZADCS146 device
- Standalone and PC based operation modus
- USB 2.0 (1.1) compatible
- User Interface for PC operated modus
- Graphical oscilloscope appl. and FFT analyzer
Physical Characteristics
ADC resolution............................ 12 Bit
Conversion rate........................... 200 ksps
Power supply rate ....................... 2.7V to 5.25V
INL............................................... ±1.0 LSB max.
DNL............................................. ±1.0 LSB max.
SINAD ......................................... >70 dB
Standby (idle) current.................. <0.5 µA
Current consumption @ 200 ksps, 3V supply
- with internal reference .............. < 1.2 mA
- without internal reference ......... < 0.9 mA
85°C
20-Pin SSOP package
Temperature range ..................... -25°C to +



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com