Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZADCS146 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ZADCS146
Description  12-Bit, 200ksps, ADC Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZADCS146 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ZADCS146 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
ZADCS146/147
12-Bit, 200ksps, ADC Family
Data Sheet
October 12, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 2.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
7 of 25
1
General Device Specification
1.1.
Absolute Maximum Ratings (Non Operating)
Symbol
Parameter
Min
Max
Unit Note
VDD-GND
VDD to AGND, DGND
-0.3
6
V
VAGND-DGND
AGND to DGND
-0.3
0.3
V
CH0 – CH7, COM to AGND, DGND
-0.3
VDD+0.3
V
VREF, VREFADJ to AGND
-0.3
VDD+0.3
V
Digital Inputs to DGND
-0.3
6
V
Digital Outputs to DGND
-0.3
VDD+0.3
V
Digital Output Sink Current
25
mA
Iin
Input current into any pin except supply pins (Latch-Up)
-100
100
mA
VHBM
Electrostatic discharge – Human Body Model (HBM)
2000
V
1
JCT
Maximum Junction Temperature
+150°
°C
OP
Operating Temperature Range
-25
+85
STG
Storage temperature
-65
+150
°C
lead
Lead Temperature 100%Sn
JEDEC-J-STD-20C 260
°C
H
Humidity non-condensing
2
Ptot
Total power dissipation
250
mW
Thermal resistance of Package
Rthj
SSOP20 / 5.3mm
100
K/W
Table 1: Absolute Maximum Ratings
1
HBM: C = 100pF charged to VHBM with resistor R = 1.5k in series, valid for all pins
2
Level 4 according to JEDEC-020A is guaranteed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com