Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZADCS146 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ZADCS146
Description  12-Bit, 200ksps, ADC Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZADCS146 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ZADCS146 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
ZADCS146/147
12-Bit, 200ksps, ADC Family
Data Sheet
October 12, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 2.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
13 of 25
Offset Error vs. VDD
-3
-2.5
-2
-1.5
-1
-0.5
0
2.7
3.4
4.1
4.8
5.5
VDD (V)
Offset Error vs. Temperatur
-2.2
-2.1
-2
-1.9
-1.8
-1.7
-1.6
-1.5
-50
-25
0
25
50
75
100
Temperature (°C)
Δ Gain Error vs. VDD
-0.45
-0.4
-0.35
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0
2.7
3.4
4.1
4.8
5.5
VDD (V)
Δ Gain Error vs. Temperatur
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
-50
-25
0
255075
10
Temperature (°C)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com