Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7012 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ZLED7012
Description  Low-Voltage Four-Channel LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7012 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ZLED7012 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ZLED7012
Low-Voltage Four-Channel LED Driver
Data Sheet
November 9, 2010
© 2010
Zentrum Mikroelektronik Dresden AG — Rev. 1.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
12 of 15
4
Application Circuit Design
4.1.
Applications
The ZLED7012 is designed for white or other color LED applications requiring a controlled LED current that is generated from
a varying input voltage. Typical applications include main/sub LCD display backlighting, cell phones (including smartphones),
personal digital assistants (PDAs), MP3/MP4 devices, portable media players (PMPs), and general purpose low-voltage
industrial applications. See section 4.2.3 for details and requirements for the LEDs.
Figure 4.1
Basic Application Circuit using D2:D0
4.2.
External Components
4.2.1.
External Capacitors Cout and Cin
The values and type of capacitors used for Cin and Cout can affect several circuit parameters including transient performance,
turn-on time, and output ripple. Use low equivalent series resistance (ESR) ceramic capacitors (internal resistance < 100mΩ)
for best performance, lower costs, and component size reduction. Low ESR capacitors can enable applications at the highest
LED forward voltage with the lowest supply voltage. Tantalum and aluminum electrolytic are not generally recommended
because the ESR is typically in the range of several ohms.
Note: The recommended starting value when determining the optimal value for Cout is 2.2μF. There is often a design trade-off
between low ESR ratings and smaller size because physically larger ceramic capacitors usually have a relatively lower ESR,
which can improve the operating range of the circuit.
Cin is a bypass capacitor (
 2.2μF) essential to proper operation because it must deliver the dynamic current for the charge
pump.
4.2.2.
External Pump Capacitor
The external pump capacitor Cpump connected between the C+ and C- pins is an essential part of the ZLED7012’s internal
charge pump circuit. Because the ZLED7012 operates at a constant charge-pump frequency of 1MHz (typical), it is important
that the pump capacitance is greater than 0.47μF so it can transfer enough charge each cycle to supply sufficient load current.
To reduce voltage fluctuations on the supply line, do not use a value for the pump capacitor that is greater than the bypass
capacitor, Cin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com