Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7012 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ZLED7012
Description  Low-Voltage Four-Channel LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7012 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ZLED7012 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ZLED7012
Low-Voltage Four-Channel LED Driver
Data Sheet
November 9, 2010
© 2010
Zentrum Mikroelektronik Dresden AG — Rev. 1.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
6 of 15
1
IC Characteristics
1.1.
Absolute Maximum Ratings
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.1.1
Input voltage referenced to
ground
VCC
-0.3
6.0
V
1.1.2
EN/SET voltage referenced
to ground
VEN/SET
-0.3
VCC+0.3
V
1.1.3
Maximum soldering
temperature
TLEAD
At ZLED7012 lead;
10 seconds maximum
300
°C
1.1.4
Maximum Thermal
Resistance
θJA
UTQFN-12 package
60
°C/W
1.1.5
Junction temperature
TJ
-40
150
°C
1.2.
Operating Conditions
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.2.1
Operating temperature
Tamb
-40
+85
°C
1.2.2
Input voltage
VCC
2.8
5.5
V
1.3.
Electrical Parameters
Except as noted, conditions for the following specifications are Tamb = -40°C to +85°C (25°C typical);
VCC = 2.8V to 5.5V; Cin = Cout = 2.2μF; Cpump = 1µF
Production testing is at 25°C. At other temperatures within the specified operating range, functional operation of the ZLED7012
and specified parameters are guaranteed by characterization, design, and process control.
Parameters marked with an asterisk (*) are guaranteed by design.
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Input Power Supply
1.3.1
Operating current
ICC
2.8 ≤ VCC ≤ 5.5;
ISET = 20mA; No Load
0.6
1.0
mA
1.3.2
Current consumption in
shutdown mode
ISHDN
VEN/SET = 0V
1.0
2.0
μA
1.3.3
Current matching between
channels
ID-Match
ISET = 20mA
±0.9
%
Charge Pump
1.3.4
Charge pump frequency *
fCP
1.0
MHz
1.3.5
Soft-start time *
TSS
33.0
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com