Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7012 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ZLED7012
Description  Low-Voltage Four-Channel LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7012 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ZLED7012 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ZLED7012
Low-Voltage Four-Channel LED Driver
Data Sheet
November 9, 2010
© 2010
Zentrum Mikroelektronik Dresden AG — Rev. 1.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
5 of 15
List of Figures
Figure 1.1
Operating Current ICC over Supply Voltage VCC Range (2.8V to 5.5V) at 25°C .............................................. 7
Figure 1.2
LED Current over Supply Voltage VCC Range (2.8V to 5.5V) for Outputs D0:D3 (LED0:LED3) ..................... 8
Figure 1.3
Shutdown Current ISD over Supply Voltage VCC Range (2.8V to 5.5V) ........................................................... 8
Figure 1.4
Current ICC over Temperature Range (-40°C to +85°C) .................................................................................. 8
Figure 1.5
Efficiency (%) over the VCC Range (2.8V to 5.5V) at 25°C ............................................................................. 9
Figure 2.1
PCC Serial Digital Interface Signal Timing ................................................................................................... 11
Figure 4.1
Basic Application Circuit using D2:D0 .......................................................................................................... 12
Figure 6.1
Pin Configuration ZLED7012 – Top View ..................................................................................................... 13
Figure 6.2
UTQFN-12 Package Drawing ....................................................................................................................... 14
List of Tables
Table 2.1
Current Output Settings................................................................................................................................10
Table 6.1
Layout Requirements and Pin Descriptions—12-pin UTQFN Package ........................................................ 14
Table 6.2
UTQFN-12 Package Dimensions ................................................................................................................. 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com