Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7012 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZLED7012
Description  Low-Voltage Four-Channel LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7012 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZLED7012 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZLED7012 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ZLED7012
Low-Voltage Four-Channel LED Driver
Data Sheet
November 9, 2010
© 2010
Zentrum Mikroelektronik Dresden AG — Rev. 1.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
9 of 15
Figure 1.5
Efficiency (%) over the VCC Range (2.8V to 5.5V) at 25°C
2
Circuit Description
2.1.
Block Diagram
2.2.
ZLED7012 Overview
The ZLED7012 is a low-noise, constant-frequency charge pump DC/DC converter for driving up to four LEDs with constant
current at a level controlled via a PCC serial digital interface, providing a uniform and linear brightness progression. Its 20mA
(maximum) current output per LED channel is optimal for low-voltage or battery-powered applications, such as portable
applications powered by 1-cell lithium batteries. The ZLED7012’s current sinks can operate in parallel for driving higher current
LEDs. Only a few, small external components are needed for typical applications. The ZLED7012’s charge pump operates at a
fixed frequency (1MHz typical) with minimal noise and harmonics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com