Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150FAC-R Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # ZSC31150FAC-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31150FAC-R Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button ZSC31150FAC-R Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 13Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 14Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 15Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 16Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 17Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 18Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
ZSC31150
Fast Automotive Sensor Signal Conditioner
Data Sheet
August 16, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 1.08
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without
notice.
15 of 24
2.5.
System Control and Conditioning Calculation
The system control supports the following tasks/features:
control the measurement cycle regarding to the EEPROM-stored configuration data
16 bit correction calculation for each measurement signal using the EEPROM stored calibration
coefficients and ROM-based algorithms = signal conditioning
manage start up sequence and start signal conditioning
handle communication requests received by the digital interface
failsafe tasks for the functions of ZSC31150 and message detected errors with diagnostic states
Refer 'ZSC31150 Functional Description' for a detailed description.
2.5.1.
Operation Modes
The internal state machine represents three main states:
the continuous running signal conditioning mode – called Normal Operation Mode: NOM
the calibration mode with access to all internal registers and states – called Command Mode: CM
the failure messaging mode – called Diagnostic Mode: DM
2.5.2.
Start Up Phase
17
The start up phase consists of following parts:
1. internal supply voltage settling phase (=potential VDDA-VSSA) – finished by disabling the reset signal
through the power on clear block (POC). Refer 'ZSC31150 High Voltage Protection Description',
chapter 4 for power on/off thresholds.
Time (for beginning with VDDA-VSSA=0V): 500µs to 2000µs, AOUT: tristate
2. system start, EEPROM read out and signature check (and ROM-check, if CFGAPP:CHKROM=1).
Time: ~200µs (~9000µs with ROM-check – 28180clocks ), AOUT: LOW (DM)
3. processing the start routine of signal conditioning (all measures & conditioning calculation).
Time: 5x AD conversion time, AOUT behavior depending on adjusted OWI mode (refer 2.6):
- OWIANA & OWIDIS => AOUT: LOW (DM)
- OWIWIN & OWIENA => AOUT: tristate
The analog output AOUT will be activated at the end of start up phase depending on adjusted output and
communication mode (refer chapter 2.6). In case of detected errors Diagnostic Mode (DM) is activated and
diagnostic output signal is driven at the output.
After the start up phase the continuous running measurement and calibration cycle is started. Refer
'ZSC31150 Bandwidth Calculation Sheet' for detailed information about output update rate.
2.5.3.
Conditioning Calculation
The digitalized value for pressure (acquired raw data) is processed with the correction formula to remove
offset and temperature dependency and to compensate non-linearity up to 3rd order. The result of the
correction calculation is a non-negative 15 Bit value for pressure (P) in the range [0; 1). This value P is clipped
with programmed limitation coefficients and continuously written to the output register of the digital serial
interface and the output DAC.
Note:
The conditioning includes up to third order nonlinearity sensor input correction. The available
adjustment ranges depend on the specific calibration parameters, for a detailed description refer to
'ZSC31150 Functional Description'. To give a rough idea: Offset compensation and linear
correction are only limited by the loose of resolution it will cause, the second order correction is
possible up to about 30% full scale difference to straight line, third order up to about 20% (ADC
resolution = 13bit). The used calibration principle is able to reduce present nonlinearity errors of
17
All described timings are roughly estimated values and correlates with internal clock frequency. Timings estimated for fclk=3MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com