Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150FAC-R Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ZSC31150FAC-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31150FAC-R Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ZSC31150FAC-R Datasheet HTML 4Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
ZSC31150
Fast Automotive Sensor Signal Conditioner
Data Sheet
August 16, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 1.08
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without
notice.
8 of 24
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.3.5. Sensor Connection Check
1.3.5.1
Sensor connection loss
RSCC_min
detection threshold
100
k
1.3.5.2
Sensor input short
RSSC_short
short detection
guaranteed
0
50
1.3.5.3
Sensor input no short
RSSC_pass
short is never detected
1000
1.3.6. DAC & Analog Output (Pin AOUT)
1.3.6.1
D/A Resolution
rDAC
analog output, 10-90%
12
Bit
1.3.6.2
Output current sink and
source for VDDE=5V
ISRC/SINK_OUT
VOUT: 5-95%,
RLOAD>=2kΩ
VOUT: 10-90%,
RLOAD>=1kΩ
2.5
5
mA
1.3.6.3
Short circuit current
IOUT_max
to VSSE/VDDE
1
-25
25
mA
1.3.6.4
Addressable output signal
range
VSR_OUT95
VSR_OUT90
@ RLOAD>=2k
@ RLOAD>=1k
0.05
0.1
0.95
0.9
VDDE
1.3.6.5
Output slew rate
2
SROUT
CLOAD < 50nF
0.1
V/µs
1.3.6.6
Output resistance in
diagnostic mode
ROUT_DIA
Diagnostic Range:
<4|96>%, RLOAD>=2k
<8|92>%, RLOAD>=1k
82
1.3.6.7
Load capacitance
2
CLOAD
C3 + CL (refer chapter 3)
150
nF
1.3.6.8
DNL
DNLOUT
-1.5
1.5
LSB
1.3.6.9
INL TQA
2
INLOUT
best fit, rDAC =12Bit
-5
5
LSB
1.3.6.10
INL TQE
INLOUT
best fit, rDAC =12Bit
-8
8
LSB
1.3.6.11 Output Leakage current @
150grd
ILEAK_OUT
in case of power or
ground loss
-25
25
µA
1.3.7. System Response
1.3.7.1
Startup time
3
tSTA
to 1st output, fCLK=3MHz,
no ROM check, ADC:
14bit & 2nd order
5
ms
1.3.7.2
Response time
(100% jump)
2
tRESP
fCLK=4MHz, 13Bit, 2nd
order, refer Table 2.3
256
512
µs
1.3.7.3
Bandwidth
2
comparable to analog
SSCs
5
kHz
1.3.7.4
Analog Output Noise
Peak-to-Peak
2
VNOISE,PP
shorted inputs, gain=
bandwidth
 10kHz
10
mV
1.3.7.5
Analog Output Noise
RMS
2
VNOISE,RMS
shorted inputs, gain=
bandwidth
 10kHz
3
mV
1
minimum output voltage to VDDE or maximum output voltage to VSSE
2
No measurement in mass production, parameter is guaranteed by design and/or quality observation.
3
Depends on resolution and configuration - start routine begins approximately 0.8ms after power on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com