Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150FAC-R Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # ZSC31150FAC-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31150FAC-R Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button ZSC31150FAC-R Datasheet HTML 16Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 17Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 18Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 19Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 20Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 21Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 22Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 23Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
ZSC31150
Fast Automotive Sensor Signal Conditioner
Data Sheet
August 16, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 1.08
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without
notice.
20 of 24
4
Pin Configuration, Latch-Up and ESD Protection
4.1.
Pin Configuration and Latch-up Conditions
Table 4.1:
Pin Configuration and Latch-Up Conditions
Pin
Name
Description
Remarks
Usage/
Connection
20
Latch-up Related Application
Circuit Restrictions and/or Remarks
1
VDDA
Positive analogue supply
voltage
Analog IO
Required/-
2
VSSA
Negative analogue supply
voltage
Analog IO
Required/-
3
SDA
I²C
TM data IO
Digital IO,
pull-up
-/VDDA
4
SCL
I²C
TM clock
Digital IN,
pull-up
-/VDDA
Trigger Current/Voltage to
VDDA/VSSA:
+/-100mA or 8/-4V
6
VDD
Positive digital supply
voltage
Analog IO
Required or
open/-
only capacitor to VSSA is allowed,
otherwise no application access
7
VDDE
Positive external supply
voltage
Supply
Required/-
Trigger Current/Voltage: -100mA/33V
8
VSSE
Negative external supply
voltage
Ground
Required/-
9
AOUT
Analog output & one wire
IF IO
IO
Required/-
Trigger Current/Voltage: -100mA/33V
10
VBN
Negative input sensor
bridge
Analog IN
Required/-
11
VBR_B
Bridge bottom potential
Analog IO
Required/VSSA
VBR_T
Bridge top potential
Analog IO
Required/VDDA
Depending on application circuit,
short to VDDA/VSSA possible
13
12
VBP
Positive input sensor bridge Analog IN
Required/-
14
IRTEMP
Temp sensor & current
source resistor
Analog IO
-/VDDA, VSSA
Depending on application circuit
4.2.
ESD-Protection
All pins have an ESD Protection of >2000V. Additionally the pins VDDE, VSSE and AOUT have an ESD
Protection of >4000V.
ESD Protection referred to the human body model is tested with devices in SSOP14 packages during product
qualification. The ESD test follows the human body model with 1.5kOhm/100pF based on MIL 883, Method
3015.7.
20
Usage: If “Required” is specified, an electrical connection is necessary – refer to the application circuits
Connection: To be connected to this potential, if not used or no application/configuration related constraints are given



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com