Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150FAC-R Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ZSC31150FAC-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31150FAC-R Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ZSC31150FAC-R Datasheet HTML 17Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 18Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 19Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 20Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 21Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 22Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 23Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 24Page - List of Unclassifed Manufacturers ZSC31150FAC-R Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
ZSC31150
Fast Automotive Sensor Signal Conditioner
Data Sheet
August 16, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 1.08
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without
notice.
21 of 24
5
Package
The standard package of the ZSC31150 is an SSOP14 green package (5.3mm body width) with a lead pitch
of 0.65 mm.
Figure 5.1:
ZSC31150 Pin Diagram
6
Quality and Reliability
The ZSC31150 is qualified according to the AEC-Q100 standard, operating temperature grade 0. A fit rate
<5fit (temp=55°C, S=60%) is guaranteed. A typical fit rate of the C7D-technologie, which is used for
ZSC31150, is 2.5fit.
7
Customization
For high-volume applications, which require an up- or downgraded functionality compared to the ZSC31150,
ZMDI can customize the circuit design by adding or removing certain functional blocks.
For it ZMDI has a considerable library of sensor-dedicated circuitry blocks.
Thus ZMDI can provide a custom solution quickly. Please contact ZMDI for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com