Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9386MD Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9386MD
Description  Dual intelligent power low side switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9386MD Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9386MD Datasheet HTML 2Page - STMicroelectronics L9386MD Datasheet HTML 3Page - STMicroelectronics L9386MD Datasheet HTML 4Page - STMicroelectronics L9386MD Datasheet HTML 5Page - STMicroelectronics L9386MD Datasheet HTML 6Page - STMicroelectronics L9386MD Datasheet HTML 7Page - STMicroelectronics L9386MD Datasheet HTML 8Page - STMicroelectronics L9386MD Datasheet HTML 9Page - STMicroelectronics L9386MD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical specifications
L9386
6/14
V(EN,IN)hys Logic input hysteresis
0.2
0.4
1
V
IEN
Enable input sink current
1 V
≤ V
EN ≤ 5.5 V
10
30
60
µA
IIN
Logic input sink current
1 V
≤ V
IN ≤ 5.5 V
40
95
180
µA
tDON
Output delay ON time
(3) see Figure 4
425
µs
tDOFF
Output delay OFF time
(3) see Figure 4
515
30
µs
tDH-L,Diag.
Diag. delay output OFF time
(3) see Figure 4
530
65
µs
tDIOu
Diagnostic open load delay time
(3) see Figure 6
850
µs
tDOL
Diagnostic overload delay
switch-off time
(3) see Figure 3
50
160
300
µs
1.
6.5 V
≤ V
S ≤ 16 V (Diagnostic operation range).
2.
4.5 V
≤ V
S < 6.5 V and 16 V < VS ≤ 32 V (Extended operation range).
3.
9 V
≤ V
S ≤ 16 V (Nominal operating range)
RL ≤ 6 Ω, IO ≤ IOOC.
Table 4.
Electrical characteristics (continued)
(The electrical characteristics are valid within the below defined operative range, unless
otherwise specified.)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 5.
Diagnostic table (operating range: 4.5 V
≤ V
S ≤ 32 V)
Conditions
EN
IN
Out
Diag.
Normal function
L
H
H
X
L
H
off
off
on(1)
L
L
H
GND short
VOtyp < 0.55 V
L
H
X
L
off
off
H
H
Load bypass
ΔVO
1,2 ≥ 1.25 V
Open load
IOtyp < 320 mA
H
H
on(1)
L
Tj typ ≥ 175 °C overtemperature
(2)
X
X
L
H
off
off
H
L
Latched overload IOmin > 5 A
X
H
off
L
Reset overload latch
X
D.C.
D.C.
1.
for 4.5 V
≤ V
S < 6.5 V, IO ≤ 2 A diag. table is valid.
2.
If one diag. status shows the overtemperature recognition, in parallel this output will be switched OFF internally. The
corresponding channel should be switched OFF additional by its Input or ENABLE signal, otherwise the overload latch will
be set after tDOL is passed. This behavior will be related to the overdrop sensing which will be used as over load
recognition.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com