Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9386MD Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9386MD
Description  Dual intelligent power low side switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9386MD Datasheet(HTML) 4 Page - STMicroelectronics

  L9386MD Datasheet HTML 1Page - STMicroelectronics L9386MD Datasheet HTML 2Page - STMicroelectronics L9386MD Datasheet HTML 3Page - STMicroelectronics L9386MD Datasheet HTML 4Page - STMicroelectronics L9386MD Datasheet HTML 5Page - STMicroelectronics L9386MD Datasheet HTML 6Page - STMicroelectronics L9386MD Datasheet HTML 7Page - STMicroelectronics L9386MD Datasheet HTML 8Page - STMicroelectronics L9386MD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical specifications
L9386
4/14
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
Table 2.
Absolute maximum ratings (no damage or latch)
Symbol
Parameter
Value
Unit
VSDC
DC supply voltage
-16 to 45
V
VSTR
Transient supply voltage (t
≤ 500 ms)
60
V
VIN,EN
Input voltage (|
≤ | 10 mA |)
-1.5 to 6
V
VDDC
Diagnostic DC output voltage (|
≤ | 50 mA |)
-0.3 to 16
V
VODC
DC output voltage
45
V
VOTR
Transient output voltage (RL ≥ 4 Ω)
60
V
IO
Output load current
internal limited
IOR
Reverse output current limited by load
-4
A
EO
Switch-off energy for inductive loads
(tEO = 250 µs, T = 5 ms)
50
mJ
TjEO
Junction temperature during switch-off
Σt = 30 min
175
°C
Tj
Junction temperature
-40 to +150
°C
Tstg
Storage temperature
-55 to +150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TjDIS
Thermal disable junction temperature threshold
160 to 190
°C
Rth j-pins
Thermal resistance junction to pins
14
°C/W
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com