Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9386MD Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9386MD
Description  Dual intelligent power low side switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9386MD Datasheet(HTML) 5 Page - STMicroelectronics

  L9386MD Datasheet HTML 1Page - STMicroelectronics L9386MD Datasheet HTML 2Page - STMicroelectronics L9386MD Datasheet HTML 3Page - STMicroelectronics L9386MD Datasheet HTML 4Page - STMicroelectronics L9386MD Datasheet HTML 5Page - STMicroelectronics L9386MD Datasheet HTML 6Page - STMicroelectronics L9386MD Datasheet HTML 7Page - STMicroelectronics L9386MD Datasheet HTML 8Page - STMicroelectronics L9386MD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
L9386
Electrical specifications
5/14
2.3
Electrical characteristics
Table 4.
Electrical characteristics
(The electrical characteristics are valid within the below defined operative range, unless
otherwise specified.)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VS
Board supply voltage
4.5
12
32
V
VD
Stabilized diagnostic output
voltage
-0.3
5
16
V
Tj
Junction temperature
-40
150
°C
ISSB
Static standby supply current
(1)
(2) V
EN = L, VO ≤ VOuv
0.73
1.5
15
mA
IS
DC supply current
(1)
(2) V
EN = VIN = H
1.3
5
15
mA
VDL
Diagnostic output low voltage
(1) I
D = 2 mA
(2) I
D = 1 mA
0.35
0.5
V
IDLE
Diagnostic output leakage
current
VS = 0 V or VS = open;
VD = 5.5 V Tj ≤ 125 °C
0.1
2
mA
ID
Diagnostic output current
capability
VD ≤ 16 V DIAG = L
2
6
30
mA
VOUV
Open load voltage threshold
VEN = X, VIN = L
0.51
xVS
0.55
xVS
0.59
xVS
V
ΔVO
UV1,2
Open load difference voltage
threshold
(1) V
EN = X, VIN1,2 = L
VS ≥ VOC ≥ VOUV
VOC = output voltage of other
channel
(2)
VOC-
0.9V
VOC-
0.7V
VOC-
1.25V
VOC-
1.25V
VOC-
1.6V
VOC-
1.8V
V
IOUC
Open load current threshold
(3) V
EN = VIN = H
(2)
100
20
320
480
mA
IOOC
Over load current threshold
b)
5
7
A
VOCL
Output voltage during clamping
IOCL ≥ 100mA
45
52
60
V
SON,OFF
Output (fall, rise) slew rate
(3) see Figure 4
200
1500
3200
V/ms
RIO
Internal output pull down
resistor
VEN = L
10
20
40
K
Ω
RDSON
Output on resistance
VS > 9.5 V IO = 2 A
Tj = 25 °C
Tj = 150 °C
200
300
500
m
Ω
V(EN,IN)L
Logic input low voltage
|IEN, IN| ≤ 10 mA
(1)
(2)
-1.5
-1.5
1
0.5
V
V(EN,IN)H
Logic input high voltage
2.2
5.5
V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com