Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9386MD Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9386MD
Description  Dual intelligent power low side switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9386MD Datasheet(HTML) 1 Page - STMicroelectronics

  L9386MD Datasheet HTML 1Page - STMicroelectronics L9386MD Datasheet HTML 2Page - STMicroelectronics L9386MD Datasheet HTML 3Page - STMicroelectronics L9386MD Datasheet HTML 4Page - STMicroelectronics L9386MD Datasheet HTML 5Page - STMicroelectronics L9386MD Datasheet HTML 6Page - STMicroelectronics L9386MD Datasheet HTML 7Page - STMicroelectronics L9386MD Datasheet HTML 8Page - STMicroelectronics L9386MD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
July 2008
Rev 3
1/14
14
L9386
Dual intelligent power low side switch
Features
■ Multipower BCD technology
■ Dual power low side driver with 2 x 5 A
■ Low RDSON typically 200 mΩ @ TJ = 25 °C
■ Internal output clamping diodes VFB = 50 V for
inductive recirculation
■ Limited output voltage slew rate for low EMI
■ µP compatible enable and input
■ Wide operating supply voltage range 4.5 V to
45 V
■ Real time diagnostic functions:
– Output shorted to GND
– Output shorted to VSS
– Open load
– Load bypass
– Over temperature
■ Device protection functions:
– Overload disable
– Reverse battery up to -16 V @ VS
– Thermal shutdown
Description
The L9386 is a monolithic integrated dual low side
driver realized in an advanced Multipower BCD
mixed technology.
It is especially intended to drive valves in
automotive environment. Its inputs are µP
compatible for easy driving. Particular care has
been taken to protect the device against failures,
to avoid electro-magnetic interferences and to
offer extensive real time diagnostic.
SO20
Table 1.
Device summary
Part number
Order code
Package
Packing
L9386
L9386MD
SO20 (12+4+4)
Tube
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - L9386MD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9386MD STMICROELECTRONICS-L9386MD Datasheet
97Kb / 10P
DUAL INTELLIGENT POWER LOW SIDE SWITCH
Jan-1995
L9386MD STMICROELECTRONICS-L9386MD Datasheet
156Kb / 14P
Dual intelligent power low side switch
16-Jul-2008
More results

Similar Description - L9386MD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9377 STMICROELECTRONICS-L9377 Datasheet
69Kb / 9P
DUAL INTELLIGENT POWER LOW SIDE SWITCH
Jul-2000
L9386MD STMICROELECTRONICS-L9386MD Datasheet
97Kb / 10P
DUAL INTELLIGENT POWER LOW SIDE SWITCH
Jan-1995
L9386 STMICROELECTRONICS-L9386_08 Datasheet
156Kb / 14P
Dual intelligent power low side switch
16-Jul-2008
logo
International Rectifier
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
AUIPS2031R IRF-AUIPS2031R Datasheet
246Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS1031SPBF IRF-IPS1031SPBF Datasheet
796Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS1021PBF IRF-IPS1021PBF Datasheet
799Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS2051L INFINEON-AUIPS2051L Datasheet
773Kb / 16P
INTELLIGENT POWER LOW SIDE SWITCH
May 9th, 2012 Revision F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com