Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EALED78X64-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EALED78X64-R
Description  DOGXL GRAPHIC SERIES 160x104 DOTS WITH SPI AND I짼C
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EALED78X64-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EALED78X64-R Datasheet HTML 1Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 2Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 3Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 4Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 5Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 6Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 7Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 8Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DOG
XL GRAPHIC SERIES
160x104 DOTS WITH SPI AND I²C
11.2010
Zeppelinstrasse 19 · D-82205 Gilching · Phone +49-(0)8105-778090 · Fax: +49-(0)8105-778099 · www.lcd-module.de · info@lcd-module.de
ORDERING CODE
GRAPHICS DISPLAY 160x104, 78x61mm
EA DOG
XL160*-7
EA DOG
XL160B-7 +
EA LED78x64-W
EA DOG
XL160W-7 +
EA LED78x64-A
EA DOG
XL160W-7 +
EA LED78x64-W
available
in low
quantities
!
flat:
6.5mm
with
LED
b./l.
mounted
FEATURES
* WITH UC1610 CONTROLLER FOR SPI 3-/4-WIRE. 8-/9-BIT AND 2-WIRE I2C INTERFACE
* HIGH-CONTRAST LCD SUPERTWIST DISPLAY (STN AND FSTN) WITH 15µm DOTGAP
* OPTIONAL LED BACKLIGHTS IN VARIOUS COLORS
* 160x104 PIXELS (CORRESPONDS TO 13 LINES à 26 CHARACTERS OR 6x20 LARGE CHAR.)
* POWER SUPPLY: SINGLE SUPPLY 2.6V TO 3.3V (TYPICALLY 700µA)
* NO ADDITIONAL VOLTAGES REQUIRED
* OPERATING TEMPERATURE RANGE -20°C TO +70°C (STORAGE -30°C TO +80°C)
* LED BACKLIGHTING 10mA TO 150mA
* NO MOUNTING REQUIRED: SIMPLY SOLDER INTO PCB
*: W = white background (FSTN pos. transflective)
E = yellow/green background (STN pos. transmissive)
B = blue background (STN neg. transmissive)
S = black background (FSTN neg. transmissive)
L = yellow/green background (STN pos. reflective, cannot be backlit)
LED BACKLIGHT, WHITE
EA LED78X64-W
LED BACKLIGHT, YELLOW/GREEN
EA LED78X64-G
LED BACKLIGHT, BLUE
EA LED78X64-B
LED BACKLIGHT, RED
EA LED78X64-R
LED BACKLIGHT, AMBER
EA LED78X64-A
LED BACKLIGHT, GREEN
EA LED78X64-E
LED BACKLIGHT, FULL COLOR RGB
EA LED78X64-RGB
ACCESSORIES
USB TEST BOARD FOR PC (WINDOWS)
EA 9780-2USB
TOUCH PANEL, 4-WIRE, ANALOG, STICK-ON
EA TOUCH160-1
ZIF CONNECTOR FOR TOUCH PANEL, BOTTOM CONTACT
EA WF100-04S
CHARACTER SETS e.g. 6x8,8x8,8x16,CYRILLIC AND FONT EDITOR (WIN)
EA USBSTICK-FONT
SOCKET 4.8mm height (2 PCS. are required)
EA FL-16P


Similar Part No. - EALED78X64-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EALED39X41-A ETC2-EALED39X41-A Datasheet
718Kb / 9P
DOGS GRAPHIC SERIES 102x64 DOTS
EALED39X41-GR ETC2-EALED39X41-GR Datasheet
718Kb / 9P
DOGS GRAPHIC SERIES 102x64 DOTS
logo
Texas Instruments
EALED39X41-W TI1-EALED39X41-W Datasheet
7Mb / 36P
MSP-EXP430F5529 Experimenter Board
logo
List of Unclassifed Man...
EALED39X41-W ETC2-EALED39X41-W Datasheet
718Kb / 9P
DOGS GRAPHIC SERIES 102x64 DOTS
EALED55X31-A ETC2-EALED55X31-A Datasheet
1Mb / 9P
DOG SERIES 3.3V INCL. CONTROLLER ST7036 FOR 4-/8-BIT, SPI (4-WIRE)
More results

Similar Description - EALED78X64-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WG12864J ETC-WG12864J Datasheet
161Kb / 1P
GRAPHIC 128 X 64 DOTS
logo
Hantronix,Inc
HDM128GS12-3 HANTRONIX-HDM128GS12-3 Datasheet
30Kb / 1P
128 X 128 Dots Graphic
HDM128GS12Y HANTRONIX-HDM128GS12Y Datasheet
31Kb / 1P
128 X 128 Dots Graphic
logo
List of Unclassifed Man...
BG16036 ETC2-BG16036 Datasheet
27Kb / 1P
160x36 dots Graphic Module
EADOGL128X-6 ETC2-EADOGL128X-6 Datasheet
1Mb / 9P
DOGL GRAPHIC SERIES 128x64 DOTS
EADOGM128X-6 ETC2-EADOGM128X-6 Datasheet
771Kb / 9P
DOGM GRAPHIC SERIES 128x64 DOTS
EADOGM132X-5 ETC2-EADOGM132X-5 Datasheet
642Kb / 8P
DOGM GRAPHIC SERIES 132x32 DOTS
EADOGS102X-6 ETC2-EADOGS102X-6 Datasheet
718Kb / 9P
DOGS GRAPHIC SERIES 102x64 DOTS
logo
Hantronix,Inc
HDM64GS12_R HANTRONIX-HDM64GS12_R_15 Datasheet
29Kb / 1P
128 X 64 Dots Graphic
HDM64GS12 HANTRONIX-HDM64GS12_15 Datasheet
61Kb / 1P
128 X 64 Dots Graphic
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com