Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EALED78X64-R Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EALED78X64-R
Description  DOGXL GRAPHIC SERIES 160x104 DOTS WITH SPI AND I짼C
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EALED78X64-R Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  EALED78X64-R Datasheet HTML 1Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 2Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 3Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 4Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 5Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 6Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 7Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 8Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
EADOG
XL160-7
Page 7
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
TOUCH PANEL EA TOUCH160-1 (OPTIONAL)
An analogue touch panel is available as an accessory. It has a self-adhesive glue on its rear surface
and is simply stuck onto the display. The connection is made by means of a 4-pin flexible cable for a
ZIF connector (e.g. EA WF100-04S) with a pitch of 1.0 mm. Bending radius is defined with min. 5mm.
For optimum readability we recommend that you use a display with backlight.
Interfacing to a processor can be either done by
an external touch panel controller or with a
controller that is featured with analogue input
lines. The touch panel is similar to a
potentiometer: connecting a
voltage of e.g. 3.3V to the
pins Top-Bottom makes it
possible to read out a
voltage on pin Left or Right
which is linear to the Y-
coordinate of the pressed
point. The X-coordinate will
result when the voltage will be supplied to Left-Right and
measurement is done at Top or Bottom.
The pinout of the connecting cable is shown in the drawing.
ZIF CONNECTOR EA WF100-04S
As an accessory for the touch panel we
do provide a ZIF connector (4 pins) with
pitch 1.0mm (SMD type).This connector
is a „bottom side contact“ type.
alle dimensions are in mm
USB-TEST BOARD EA 9780-2USB
For easy startup, an USB test board is available that can be
connected to a PC. It comes with an USB cable and a Windows
software. This allows text and images (BMP) to displayed directly
on the plugged-in display. You will find more information on the
test board in the EA 9780-2USB data sheet.
SIMULATION WITH WINDOWS
A simulator window also displays the contents of the display.
The software can simulate all the displays and colors even
without the hardware. You can download the software for free
from our website. It runs also without the USB test board:
http://www.lcd-module.com/produkte/dog.html
Specification
Spe cification
min
max
Unit
Top-Bottom
150
400
Ω
Left-Right
300
750
Ω
Voltage
3
12
V
Current
5
25
mA
Linearity
1,5
%
Force
45
65
g
Contact Bounce
5
10
ms
Op. Temperatur
-20
+60
°C
Stor. Temperatur
-20
+70
°C
Transmission
75
85
%
Life Time
100000
Cycles
CHARACTER SETS AND FONT EDITOR (ACCESSORY)
With the ordering code EA USBSTICK-FONT a memory stick comes with various character sets.
An import function additionally allows to use Windows fonts. With the FontEditor it is easy to gene-
rate for example Cyrillic, Greek and Arabic fonts.
The Preview function cooperates perfect with the testboard EA 9780-2USB on USB port.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com