Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EALED78X64-R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # EALED78X64-R
Description  DOGXL GRAPHIC SERIES 160x104 DOTS WITH SPI AND I짼C
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EALED78X64-R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  EALED78X64-R Datasheet HTML 1Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 2Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 3Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 4Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 5Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 6Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 7Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 8Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
EADOG
XL160-7
Page 6
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
Initialisation example (changes for top view )
Command
CD
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Remark
(19) Set LCD Mapping Control
0
1
1
0
0
0
1
1
0
$C6
SEG (column) and COM (row) mirror
Initialisation example (bottom view)
Command
CD
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Remark
(27) Set COM End
0
1
1
1
1
0
0
0
1
$F1
Set last COM electrode to 103
(number of COM electrodes - 1)
0
1
1
0
0
1
1
1
$67
(19) Set LCD Mapping Control
0
1
1
0
0
0
0
0
0
$C0
SEG (column) and COM (row) normal
(9)
Set Scroll Line LSB
0
0
1
0
0
0
0
0
0
$40
Set Display Startline to 0
Set Scroll Line MSB
0
1
0
1
0
0
0
0
$50
(6) Set Panel Loading
0
0
0
1
0
1
0
1
1
$2B
Set Panelloading to 28..38nF
(24) Set LCD Bias Ratio
0
1
1
1
0
1
0
1
1
$EB
Set Bias to 1/12
(11) Set Vbias Potentiometer
0
1
0
0
0
0
0
0
1
$81
Set Contrast
0
1
0
1
1
1
1
1
$5F
(13) Set RAM Address Control
0
1
0
0
0
1
0
0
1
$89
Set Auto-Increment
(18) Set Display Enable
0
1
0
1
0
1
1
1
1
$AF
Display on
Command
Command Code
Function
CD
D7
D6
D5
D4
D3
D2
D1
D0
(1)
Write Data Byte
1
data bit D[7..0]
Write one byte to memory
(4)
Set Column Address LSB
0
0
0
0
0
CA[3..0]
Set the SRAM column address
CA=0..159
Set Column Address MSB
0
0
0
1
CA[7..4]
(7)
Set Page Address
0
0
1
1
PA[4..0]
Set the SRAM page address PA=0..25
(12) Set Display Enable
0
1
0
1
0
1
1
1
C2
C2=0: disable Display (sleep)
C2=1: enable Display (exit from sleep)
(13) Set RAM Address Control
0
1
0
0
0
1
AC[2..0]
AC0: 0=stop increment at end ,1=warp around
AC1: 0=column, 1=page increment
AC2: Set page increment: 0= +1, 1= -1
(30) Set Window Start Column
0
1
1
1
1
0
1
0
0
Set Start Column of Window Function
WPC0[7..0]
(31) Set Window Start Page
0
1
1
1
1
0
1
0
1
Set Start Page of Window Function
0
0
0
WPP0[4..0]
(32) Set Window End Column
0
1
1
1
1
0
1
1
0
Set End Column of Window Function
WPC1[7..0]
(33) Set Window End Page
0
1
1
1
1
0
1
1
1
Set End Page of Window Function
0
0
0
WPP1[4..0]
(34) Set Window Enable
0
1
1
1
1
1
0
0
C4
C4: 0=disable, 1=enable Window Function
(disable before changing column and pages)
GRAPHIC RAM
The EA DOG
XL160-7 has an internal RAM, each Byte
represents 4 dots on display.
You will find more information in the datasheet of the
UC1610 controller, which is on our website at
http://www.lcd-module.de/eng/pdf/zubehoer/uc1610.pdf
8-Bit = 4-Dots
Bit
Dot
Example Hex
D0
1
00 = off
1
$C3
D1
11 = on
1
D2
2
00 = off
0
D3
11 = on
0
D4
3
00 = off
0
D5
11 = on
0
D6
4
00 = off
1
D7
11 = on
1
12:00 VIEWING ANGLE, TOP VIEW OPTION
If the display is read mostly from above (on the front of
a laboratory power supply unit, for example), the
preferred angle of viewing can be set to 12 o’clock.This
rotates the display by 180°. A slightly different
initialization setup is required for this.
INITIALISATION EXAMPLE (6 O’ CLOCK)
12 o’clock (Top View)
6 o’clock (Bottom View)
UC1610 PROGRAMMING COMMANDS (ESSENCE)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com