Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EALED78X64-R Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # EALED78X64-R
Description  DOGXL GRAPHIC SERIES 160x104 DOTS WITH SPI AND I짼C
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EALED78X64-R Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  EALED78X64-R Datasheet HTML 1Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 2Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 3Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 4Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 5Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 6Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 7Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 8Page - List of Unclassifed Manufacturers EALED78X64-R Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
EADOG
XL160-7
Page 8
Zeppelinstrasse 19 · D-82205 Gilching · Phone +49-(0)8105-778090 · Fax: +49-(0)8105-778099 · www.lcd-module.de · info@lcd-module.de
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
DIMENSIONS EA DOG
XL160-7
DIMENSIONS EA LED78X64
all dimensions are in mm
ATTENTION
handling precautions!
MOUNTING / ASSEMBLING
First, clip the display and backlight modules together by gently pushing the display pins through the
corresponding holes on the backlight module. Then insert the entire module into the socket, or into
the soldering holes on the pcb. The backlight pins (6 pins at the bottom) must be soldered on the top
side as well to ensure good contact between the modules.
Important:
- The display has 2 protective films on the top and the bottom, and there is also one on the backlight.
All these must be removed while or after assembling.
- LC displays are generally not suited for wave or reflow soldering. Temperatures of over 80°C can
cause permanent damage.
- Make sure that either display nor backlight will never come into contact with any kind of liquid like
Fluxer, Cleaner, Water.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com