Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5358LUI Datasheet(PDF) 1 Page - Altera Corporation

Part # EP5358LUI
Description  600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP5358LUI Datasheet(HTML) 1 Page - Altera Corporation

  EP5358LUI Datasheet HTML 1Page - Altera Corporation EP5358LUI Datasheet HTML 2Page - Altera Corporation EP5358LUI Datasheet HTML 3Page - Altera Corporation EP5358LUI Datasheet HTML 4Page - Altera Corporation EP5358LUI Datasheet HTML 5Page - Altera Corporation EP5358LUI Datasheet HTML 6Page - Altera Corporation EP5358LUI Datasheet HTML 7Page - Altera Corporation EP5358LUI Datasheet HTML 8Page - Altera Corporation EP5358LUI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Enpirion
® Power Datasheet
EP5358xUI 600mA PowerSoC
Synchronous Buck Regulator
with Integrated Inductor
Description
The EP5358xUI (x = L or H) is rated for up to
600mA
of
continuous
output
current.
The
EP5358xUI
integrates
MOSFET
switches,
control, compensation, and the magnetics in an
advanced
2.5mm
x
2.25mm
micro-QFN
Package.
Integrated magnetics enables a tiny solution
footprint, low output ripple, low part-count, and
high reliability, while maintaining high efficiency.
The complete solution can be implemented in as
little as 14mm
2.
The EP5358xUI uses a 3-pin VID to easily select
the
output
voltage setting.
Output voltage
settings are available in 2 optimized ranges
providing coverage for typical VOUT settings.
The VID pins can be changed on the fly for fast
dynamic voltage scaling. EP5358LUI further has
the option to use an external voltage divider.
The EP5358xUI is a perfect solution for noise
sensitive and space constrained applications that
require high efficiency.
EP5358xUI
4.75mm
Figure 1: Total Solution Footprint.
Features
• Integrated Inductor Technology
• 2.5mm x 2.25mm x 1.1mm uQFN package
• Total Solution Footprint 14mm2
• Low V
OUT ripple for RF compatibility
• High efficiency, up to 93%
• Up to 600mA continuous output current
• Less than 1µA standby current
• 5 MHz switching frequency
• 3 pin VID for glitch free voltage scaling
• V
OUT Range 0.6V to VIN – 0.25V
• Short circuit and over current protection
• UVLO and thermal protection
• IC level reliability in a PowerSOC solution
Application
• Wireless and RF applications
• Wireless broad band data cards
• Small form factor optical modules
• Low noise FPGA IO and Transceivers
• Advanced Low Power Processors, DSP, IO,
Memory, Video, Multimedia Engines
Figure 2: Typical Application Schematic
V
OUT
2.2uF
PGND
EP5358HUI
ENABLE
PV
IN
V
S0
V
S1
V
S2
V
SENSE
V
OUT
10uF
AGND
AV
IN
V
IN
www.altera.com/enpirion
03541
October 11, 2013
Rev F


Similar Part No. - EP5358LUI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EP5358LUI ENPIRION-EP5358LUI Datasheet
212Kb / 14P
500mA Synchronous Buck Regulator with Integrated Inductor
EP5358LUI-E ENPIRION-EP5358LUI-E Datasheet
212Kb / 14P
500mA Synchronous Buck Regulator with Integrated Inductor
More results

Similar Description - EP5358LUI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EP5368QI ENPIRION-EP5368QI Datasheet
304Kb / 12P
600mA Synchronous Buck Regulator With Integrated Inductor
EP5357LUI ENPIRION-EP5357LUI Datasheet
291Kb / 17P
600mA Synchronous Buck Regulator with Integrated Inductor
logo
Altera Corporation
EN2342QI ALTERA-EN2342QI Datasheet
3Mb / 23P
4A PowerSoC Voltage Mode Synchronous PWM Buck with Integrated Inductor
EN5311QI ALTERA-EN5311QI Datasheet
973Kb / 16P
1A PowerSoC Synchronous Buck Regulator With Integrated Inductor
EN5322QI ALTERA-EN5322QI Datasheet
899Kb / 17P
2A PowerSoC Synchronous Buck DC-DC Converter with Integrated Inductor
EN5367QI ALTERA-EN5367QI Datasheet
1Mb / 23P
6A PowerSoC Highly Integrated Synchronous Buck With Integrated Inductor
EP53A8LQI ALTERA-EP53A8LQI Datasheet
831Kb / 14P
1A PowerSoC Synchronous Buck Regulator with Integrated Inductor
EP5357XUI ALTERA-EP5357XUI Datasheet
879Kb / 19P
600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP5368QI ALTERA-EP5368QI Datasheet
896Kb / 14P
600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP5388QI ALTERA-EP5388QI Datasheet
820Kb / 13P
800mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com