Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5358LUI Datasheet(PDF) 10 Page - Altera Corporation

Part # EP5358LUI
Description  600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP5358LUI Datasheet(HTML) 10 Page - Altera Corporation

Back Button EP5358LUI Datasheet HTML 6Page - Altera Corporation EP5358LUI Datasheet HTML 7Page - Altera Corporation EP5358LUI Datasheet HTML 8Page - Altera Corporation EP5358LUI Datasheet HTML 9Page - Altera Corporation EP5358LUI Datasheet HTML 10Page - Altera Corporation EP5358LUI Datasheet HTML 11Page - Altera Corporation EP5358LUI Datasheet HTML 12Page - Altera Corporation EP5358LUI Datasheet HTML 13Page - Altera Corporation EP5358LUI Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
EP5358LUI/EP5358HUI
Excess bulk capacitance on the output of the
device can cause an over-current condition at
startup.
The maximum total capacitance on
the output, including the output filter capacitor
and bulk and decoupling capacitance, at the
load, is given as:
EP5358LUI:
COUT_TOTAL_MAX = COUT_Filter + COUT_BULK = 230uF
EP5358HUI:
COUT_TOTAL_MAX = COUT_Filter + COUT_BULK = 115uF
EP5358LUI in external divider mode:
COUT_TOTAL_MAX = 2.086x10
-4/V
OUT Farads
The above numbers and formula assume a no
load condition.
Over Current/Short Circuit Protection
The current limit function is
achieved by
sensing the current flowing through a sense P-
MOSFET which is compared to a reference
current.
When this level is exceeded the P-
FET is turned off and the N-FET is turned on,
pulling VOUT low. This condition is maintained
for approximately 0.5mS and then a normal
soft start is initiated.
If the over current
condition still persists, this cycle will repeat.
Under Voltage Lockout
During
initial power
up an under
voltage
lockout
circuit
will
hold-off
the
switching
circuitry until the input voltage reaches a
sufficient level to insure proper operation.
If
the voltage drops below the UVLO threshold
the lockout circuitry will again disable the
switching.
Hysteresis is included to prevent
chattering between states.
Enable
The ENABLE pin provides a means to shut
down
the
converter
or
enable
normal
operation.
A
logic
low
will
disable the
converter and cause it to shut down. A logic
high will enable the converter into normal
operation.
NOTE:
The ENABLE pin must not be left
floating.
Thermal Shutdown
When excessive power is dissipated in the
chip, the junction temperature rises. Once the
junction
temperature
exceeds
the
thermal
shutdown temperature the thermal shutdown
circuit turns off the converter output voltage
thus allowing the device to cool. When the
junction temperature decreases by 15C°, the
device will go through the normal startup
process.
www.altera.com/enpirion Page 10
03541
October 11, 2013
Rev F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com