Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5358LUI Datasheet(PDF) 12 Page - Altera Corporation

Part # EP5358LUI
Description  600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP5358LUI Datasheet(HTML) 12 Page - Altera Corporation

Back Button EP5358LUI Datasheet HTML 8Page - Altera Corporation EP5358LUI Datasheet HTML 9Page - Altera Corporation EP5358LUI Datasheet HTML 10Page - Altera Corporation EP5358LUI Datasheet HTML 11Page - Altera Corporation EP5358LUI Datasheet HTML 12Page - Altera Corporation EP5358LUI Datasheet HTML 13Page - Altera Corporation EP5358LUI Datasheet HTML 14Page - Altera Corporation EP5358LUI Datasheet HTML 15Page - Altera Corporation EP5358LUI Datasheet HTML 16Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
EP5358LUI/EP5358HUI
VIN
VSENSE
VSO
VS2
10
µF
4.7uF
VOUT
VOUT
AGND
ENABLE
Ra
Rb
VFB
VS1
PGND
AVIN
PVIN
Figure 8: EP5358LUI using external divider
The output voltage is selected by the following
formula:
(
)
Rb
Ra
OUT
V
V
+
=
1
6
.
0
Ra must be chosen as 237K
Ω to maintain loop
gain. Then Rb is given as:
Ω
−
=
6
.
0
10
2
.
142
3
OUT
b
V
x
R
VOUT can be programmed over the range of
0.6V to (VIN – 0.25V).
NOTE: Dynamic Voltage Scaling is not allowed
between internal preset voltages and external
divider.
EP5358HUI High VID Range Programming
The EP5358HUI VOUT settings are optimized
for higher nominal voltages such as those
required to power IO, RF, or IC memory. The
preset voltages range from 1.8V to 3.3V.
There are eight (8) preset output voltage
settings.
The EP5358HUI does not have an
external
divider
option.
As
with
the
EP5358LUI,
the VID
pin settings
can be
changed while the device is enabled.
Table 2 shows the VS0-VS2 pin logic states for
the EP5358HUI and the associated output
voltage
levels.
A
logic
“1”
indicates
a
connection to AVIN or to a “high” logic voltage
level.
A logic “0” indicates a connection to
AGND or to a “low” logic voltage level. These
pins can be either hardwired to AVIN or AGND
or alternatively can be driven by standard logic
levels. Logic levels are defined in the electrical
characteristics table.
Any level between the
logic
high and logic low is indeterminate.
These pins must not be left floating.
Table 2: EP5358HUI VID Voltage Select Settings
Custom VID Setting Adjustment
AVIN
PVIN
ENABLE
VSENSE
VOUT
AGND
PGND
5.0pF
Rs
10uF
4.7uF
EP5358xUI
VS2
VS1
VSO
Figure 9: EP5358xUI with RC inserted in VSENSE
path to modify VID output voltages.
It is possible to adjust VOUT for a given VID
setting by inserting a parallel RC combination
in the VSENSE path as shown in figure 9. The
capacitor value is 5.0pF to ensure stability.
Note that the value of VOUT can only be
increased from its nominal setting
(VOUTNEW>VOUTOLD):
For EP5358LUI:
kOhms
VOUT
VOUT
Rs
OLD
NEW
L
−
=
1
*
711
For EP5358HUI:
kOhms
VOUT
VOUT
Rs
OLD
NEW
H
−
=
1
*
356
VOUTNEW is the desired “new” VOUT.
VS2
VS1
VS0
VOUT
0
0
0
3.3
0
0
1
3.0
0
1
0
2.9
0
1
1
2.6
1
0
0
2.5
1
0
1
2.2
1
1
0
2.1
1
1
1
1.8
www.altera.com/enpirion Page 12
03541
October 11, 2013
Rev F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com