Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5358LUI Datasheet(PDF) 14 Page - Altera Corporation

Part # EP5358LUI
Description  600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP5358LUI Datasheet(HTML) 14 Page - Altera Corporation

Back Button EP5358LUI Datasheet HTML 8Page - Altera Corporation EP5358LUI Datasheet HTML 9Page - Altera Corporation EP5358LUI Datasheet HTML 10Page - Altera Corporation EP5358LUI Datasheet HTML 11Page - Altera Corporation EP5358LUI Datasheet HTML 12Page - Altera Corporation EP5358LUI Datasheet HTML 13Page - Altera Corporation EP5358LUI Datasheet HTML 14Page - Altera Corporation EP5358LUI Datasheet HTML 15Page - Altera Corporation EP5358LUI Datasheet HTML 16Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
EP5358LUI/EP5358HUI
Layout Recommendation
Figure 10 shows critical components and layer
1 traces of a recommended minimum footprint
EP5358LQI/EP5358HQI layout with ENABLE
tied to VIN. Alternate ENABLE configurations,
and other
small signal pins
need to be
connected and routed according to specific
customer application. Please see the Gerber
files
on
the
Altera
website
www.altera.com/enpirion for exact dimensions
and other layers. Please refer to Figure 10
while reading the layout recommendations in
this section.
Recommendation 1: Input and output filter
capacitors should be placed on the same side
of the PCB, and as close to the EP5358QI
package
as
possible.
They
should
be
connected to the device with very short and
wide traces. Do not use thermal reliefs or
spokes when connecting the capacitor pads to
the respective nodes. The +V and GND traces
between the capacitors and the EP5358QI
should be as close to each other as possible
so that the gap between the two nodes is
minimized, even under the capacitors.
Recommendation 2: Input and output grounds
are separated until they connect at the PGND
pins. The separation shown on Figure 10
between the input and output GND circuits
helps minimize noise coupling between the
converter input and output switching loops.
Recommendation
3:
The
system
ground
plane should be the first layer immediately
below the surface layer. This ground plane
should be continuous and un-interrupted below
the converter and the input/output capacitors.
Please see the Gerber files on the Altera
website www.altera.com/enpirion.
Figure 10:Top PCB Layer Critical Components
and Copper for Minimum Footprint
Recommendation
4:
Multiple
small
vias
should be used to connect the ground traces
under the device to the system ground plane
on another layer for heat dissipation. The drill
diameter of the vias should be 0.33mm, and
the vias must have at least 1 oz. copper plating
on the inside wall, making the finished hole
size around 0.20-0.26mm. Do not use thermal
reliefs or spokes to connect the vias to the
ground plane. It is preferred to put these vias
under the capacitors along the edge of the
GND copper closest to the +V copper. Please
see
Figure
10.
These
vias
connect
the
input/output filter capacitors to the GND plane
and help reduce parasitic inductances in the
input and output current loops. If the vias
cannot be placed under CIN and COUT, then put
them just outside the capacitors along the
GND. Do not use thermal reliefs or spokes to
connect these vias to the ground plane.
Recommendation 5: AVIN is the power supply
for the internal small-signal control circuits. It
should be connected to the input voltage at a
quiet point. In Figure 10 this connection is
made at the input capacitor close to the VIN
connection.
www.altera.com/enpirion Page 14
03541
October 11, 2013
Rev F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com