Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVS5MBBCR4 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OVS5MBBCR4
Description  Mini half-watt SMD 3.5mm (120째 Viewing Angle)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVS5MBBCR4 Datasheet(HTML) 1 Page - OPTEK Technologies

  OVS5MBBCR4 Datasheet HTML 1Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 2Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 3Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 4Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 5Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 6Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 7Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 8Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 9Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue C 10/2011
Page 1 of 11
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Mini half-watt SMD 3.5mm
(120°Viewing Angle)
OVS5MxBCR4 Series
•
Compact Package Outline of 3.5 x 3.5 x 1.2 mm
•
Robust energy-efficient design with long operating life
•
Low thermal resistance
•
Exceptional spatial uniformity
•
Compatible to IR reflow soldering
•
High Lumens output
The mini-half watt is an energy-efficient packaged LED source that offers high luminance, and a long
operating lifespan. This device offers a 120°view ing angle and an ultra-low profile (1.2 mm) making it highly
suitable for conventional lighting and specialized applications.
Applications
•
Automotive exterior and interior lighting
•
Architectural indoor and outdoor lighting
•
General lighting
•
Display Backlighting
•
Electronic signs and signals
Part Number
Viewing
Angle
Emitted
Color
Typ. Luminous
Flux (lm)
Forward Voltage
VF
Power Dissipation
@ 150 mA
Lens Color
OVS5MWBCR4
120
White
30
3.4
0.51 W
OVS5MWWBCR4
Warm
White
30
3.6
0.54 W
OVS5MBBCR4
Blue
6
3.4
0.51 W
OVS5MGBCR4
Green
22
3.4
0.51 W
Clear
Part Number
Viewing
Angle
Emitted
Color
Typ. Luminous
Intensity (mcd)
Forward Voltage
VF
Power Dissipation
@ 150 mA
Lens Color
OVS5MRBCR4
120
Red
7150
2.2
0.33 W00.33
OVS5MABCR4
Amber
7150
2.2
0.33 W
OVS5MYBCR4
Yellow
7150
2.2
0.33 W
Clear
RoHS
2a
Moisture
DO NOT LOOK DIRECTLY
AT LED WITH UNSHIELDED
EYES OR DAMAGE TO
RETINA MAY OCCUR.


Similar Part No. - OVS5MBBCR4

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVS5MBBCR4 TTELEC-OVS5MBBCR4 Datasheet
1,020Kb / 8P
Robust energy-efficient design with long operating life
OVS5MBBCR4 TTELEC-OVS5MBBCR4 Datasheet
1Mb / 13P
Robust energy-efficient design with long operating life
OVS5MBBCR4 TTELEC-OVS5MBBCR4 Datasheet
1Mb / 13P
Low thermal resistance
OVS5MBBCR4 TTELEC-OVS5MBBCR4 Datasheet
1Mb / 13P
Low thermal resistance
OVS5MBBCR4 TTELEC-OVS5MBBCR4 Datasheet
2Mb / 8P
Mini Half-Watt SMD 3.5mm (120° Viewing Angle)
03/2022
More results

Similar Description - OVS5MBBCR4

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSRRGBBC9 OPTEK-OVSRRGBBC9 Datasheet
1Mb / 7P
Full-Color Right-Angle SMD (120째 Viewing Angle)
OVSR9GBCR8 OPTEK-OVSR9GBCR8 Datasheet
2Mb / 4P
Green Side-Emitting SMD LED(4 x 4 mm, 120째 Viewing Angle)
OVSPBBCR4 OPTEK-OVSPBBCR4 Datasheet
559Kb / 11P
1-Watt SMD 6mm (120째 Viewing Angle)
OVSR9ABCR8 OPTEK-OVSR9ABCR8 Datasheet
1Mb / 4P
Amber Side-Emitting SMD LED (4 x 4 mm, 120째 Viewing Angle)
OVSR9BBCR8 OPTEK-OVSR9BBCR8 Datasheet
1Mb / 4P
Blue Side-Emitting SMD LED (4 x 4 mm, 120째 Viewing Angle)
OVSR9WBCR8 OPTEK-OVSR9WBCR8 Datasheet
744Kb / 5P
White Side-Emitting SMD LED (120째 Viewing Angle)
OVTL09LG3A OPTEK-OVTL09LG3A Datasheet
560Kb / 11P
10-Watt Lednium SMD (120째 Viewing Angle)
OVS5WBCR4 OPTEK-OVS5WBCR4 Datasheet
472Kb / 7P
5-Watt SMD 6mm White (120째 Viewing Angle)
logo
TT Electronics.
OVSRRGBBC9 TTELEC-OVSRRGBBC9 Datasheet
631Kb / 7P
Full-Color Right-Angle SMD (120째 Viewing Angle)
OVTL09LGAX TTELEC-OVTL09LGAX Datasheet
380Kb / 5P
10-Watt Lednium SMD (120째 Viewing Angle)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com