Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVS5MBBCR4 Datasheet(PDF) 5 Page - OPTEK Technologies

Part # OVS5MBBCR4
Description  Mini half-watt SMD 3.5mm (120째 Viewing Angle)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVS5MBBCR4 Datasheet(HTML) 5 Page - OPTEK Technologies

  OVS5MBBCR4 Datasheet HTML 1Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 2Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 3Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 4Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 5Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 6Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 7Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 8Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 9Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue C 10/2011
Page 5 of 11
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Mini half-watt SMD 3.5mm
OVS5MxBCR4
Φ
Luminous Flux (lm)
Bin
Min
Max
P2
23.5
26.8
P3
26.8
30.6
Q2
30.6
34.8
Q3
34.8
39.8
Standard Bins (I
F = 150mA)
LEDs are sorted to luminous flux (Φ) and chromaticity coordinates (x, y) bins shown. Each reel consists of a
single intensity bin and a single chromaticity bin. Orders are filled using all intensity and chromaticity bins listed
in the following table. Optek will not accept orders for single intensity bins or single chromaticity bins.
Rank
YU
YL
Cx
0.274
0.283
0.307
0.303
0.283
0.290
0.310
0.307
Cy
0.301
0.284
0.316
0.333
0.284
0.270
0.299
0.316
Rank
XU
XL
Cx
0.303
0.307
0.317
0.315
0.307
0.310
0.319
0.317
Cy
0.333
0.316
0.325
0.343
0.316
0.299
0.310
0.325
Rank
WU
WL
Cx
0.315
0.317
0.329
0.329
0.317
0.319
0.329
0.329
Cy
0.343
0.325
0.336
0.354
0.325
0.310
0.319
0.336
Rank
VU
VL
Cx
0.329
0.329
0.345
0.347
0.329
0.329
0.343
0.345
Cy
0.354
0.336
0.350
0.368
0.336
0.319
0.331
0.350
Rank
UU
UL
Cx
0.347
0.345
0.361
0.364
0.345
0.343
0.357
0.361
Cy
0.368
0.350
0.365
0.383
0.350
0.331
0.343
0.365
Chromaticity Coordinates (x, y)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com