Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVS5MBBCR4 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVS5MBBCR4
Description  Mini half-watt SMD 3.5mm (120째 Viewing Angle)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVS5MBBCR4 Datasheet(HTML) 2 Page - OPTEK Technologies

  OVS5MBBCR4 Datasheet HTML 1Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 2Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 3Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 4Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 5Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 6Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 7Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 8Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 9Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue C
10/2011
Page 2 of 11
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Mini half-watt SMD 3.5mm
OVS5MxBCR4
Notes:
1.
Pulse width tp ≤ 10µs, Duty cycle = 0.1
2.
Thermal Resistance = 5 C/W
Absolute Maximum Ratings T
A = 25°C
Red, Amber, Yellow
Green, Blue
White
Warm White
DC Forward Current
200 mA
180 mA
Peak Pulsed Forward Current
1
1000 mA
Reverse Voltage
12V @ 10 uA
Not designed for reverse bias
Junction Temperature
2
125°C
Power Dissipation
750mW
Storage and Operating Temperature
-40°~ +100 °C
MSL (IPC / JEDEC J-STD-020C)
2a / 672 Hrs
350 mA
ESD (JEDEC-JESD22-A114F)
Class 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com