Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVS5MBBCR4 Datasheet(PDF) 6 Page - OPTEK Technologies

Part # OVS5MBBCR4
Description  Mini half-watt SMD 3.5mm (120째 Viewing Angle)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVS5MBBCR4 Datasheet(HTML) 6 Page - OPTEK Technologies

Back Button OVS5MBBCR4 Datasheet HTML 2Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 3Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 4Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 5Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 6Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 7Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 8Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 9Page - OPTEK Technologies OVS5MBBCR4 Datasheet HTML 10Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue C
10/2011
Page 6 of 11
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Mini half-watt SMD 3.5mm
OVS5MxBCR4
Φ
Luminous Flux (lm)
Bin
Min
Max
P2
23.5
26.8
P3
26.8
30.6
Q2
30.6
34.8
Q3
34.8
39.8
Rank
RA
RB
Cx
0.402
0.392
0.409
0.421
0.392
0.382
0.397
0.409
Cy
0.421
0.389
0.399
0.433
0.389
0.358
0.367
0.399
Rank
QA
QB
Cx
0.421
0.409
0.423
0.437
0.409
0.397
0.409
0.423
Cy
0.433
0.400
0.405
0.438
0.400
0.367
0.372
0.405
Rank
PA
PB
Cx
0.437
0.423
0.436
0.452
0.423
0.409
0.421
0.436
Cy
0.438
0.405
0.409
0.443
0.405
0.372
0.377
0.409
Rank
NA
NB
Cx
0.452
0.436
0.451
0.469
0.436
0.421
0.435
0.451
Cy
0.443
0.409
0.414
0.448
0.409
0.377
0.382
0.414
Chromaticity Coordinates (x, y)
Standard Bins (I
F = 150mA)
LEDs are sorted to luminous flux (Φ) and chromaticity coordinates (x, y) bins shown. Each reel consists of a
single intensity bin and a single chromaticity bin. Orders are filled using all intensity and chromaticity bins
listed in the following table. Optek will not accept orders for single intensity bins or single chromaticity bins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com