Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4228 Datasheet(PDF) 3 Page - NEC

Part # 2SC4228
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4228 Datasheet(HTML) 3 Page - NEC

  2SC4228 Datasheet HTML 1Page - NEC 2SC4228 Datasheet HTML 2Page - NEC 2SC4228 Datasheet HTML 3Page - NEC 2SC4228 Datasheet HTML 4Page - NEC 2SC4228 Datasheet HTML 5Page - NEC 2SC4228 Datasheet HTML 6Page - NEC 2SC4228 Datasheet HTML 7Page - NEC 2SC4228 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SC4228
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
100
0
5
0
50
100
150
200
0.5
1.0
10
15
20
160
A
µ
140
A
µ
120 A
µ
100 A
µ
80 A
µ
60 A
µ
40 A
µ
IB = 20 A
µ
10
0.5
0
0.5
1.0
10
20
1
5
10
50
20
50
100
200
VCE = 3 V
VCE = 3 V
0.1
1
0
0.5
2
5
10
20
50
0.2
0.5
1.0
2.0
5.0
1
5
10
50
2
4
6
8
10
f = 1 MHz
VCE = 3 V
f = 2 GHz
25
FEED-BACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
DC CURRENT GAIN vs.
COLLECTOR CURRENT
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
TA – Ambient Temperature – ˚C
V CE – Collector to Emitter Voltage – V
VBE – Base to Emitter Voltage – V
IC – Collector Current – mA
VCB – Collector to Base Voltage – V
I C – Collector Current – mA
Free Air



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com