Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4228 Datasheet(PDF) 5 Page - NEC

Part # 2SC4228
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4228 Datasheet(HTML) 5 Page - NEC

  2SC4228 Datasheet HTML 1Page - NEC 2SC4228 Datasheet HTML 2Page - NEC 2SC4228 Datasheet HTML 3Page - NEC 2SC4228 Datasheet HTML 4Page - NEC 2SC4228 Datasheet HTML 5Page - NEC 2SC4228 Datasheet HTML 6Page - NEC 2SC4228 Datasheet HTML 7Page - NEC 2SC4228 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC4228
5
S-PARAMETER
VCE = 3 V, IC = 5 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.875
–18.6
14.087
161.1
.018
78.2
.958
–10.1
200.00
.762
–35.0
12.290
145.1
.034
68.6
.888
–17.7
300.00
.677
–47.2
10.888
133.6
.048
66.6
.800
–24.4
400.00
.565
–59.4
9.275
123.6
.055
65.8
.719
–26.7
500.00
.495
–67.5
8.300
115.7
.063
63.5
.669
–28.7
600.00
.425
–76.1
7.184
108.9
.074
61.1
.610
–30.3
700.00
.372
–81.6
6.454
104.8
.084
63.8
.600
–30.6
800.00
.327
–88.5
5.818
99.5
.089
62.7
.560
–31.3
900.00
.289
–93.6
5.231
95.5
.092
64.6
.543
–30.1
1000.00
.255
–100.5
4.820
92.0
.104
62.8
.519
–33.4
1100.00
.236
–105.2
4.444
88.8
.105
64.2
.512
–31.8
1200.00
.214
–112.2
4.142
85.3
.113
64.2
.497
–33.4
1300.00
.195
–117.6
3.842
83.2
.122
63.6
.476
–33.2
1400.00
.182
–123.8
3.554
79.3
.127
65.0
.481
–34.2
1500.00
.165
–129.9
3.343
77.4
.139
64.1
.467
–34.6
1600.00
.153
–137.4
3.218
75.3
.140
64.5
.466
–34.8
1700.00
.145
–144.3
3.091
73.6
.152
65.4
.458
–37.2
1800.00
.139
–151.8
2.857
70.4
.162
64.3
.456
–36.1
1900.00
.134
–157.0
2.764
68.7
.168
62.3
.451
–38.4
2000.00
.129
–164.7
2.624
66.4
.176
64.8
.445
–39.0
VCE = 3 V, IC = 3 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.943
–13.4
9.384
165.9
.020
84.1
.969
–7.7
200.00
.868
–26.6
8.668
152.8
.038
77.2
.936
–13.8
300.00
.815
–37.7
8.165
142.9
.051
67.9
.876
–20.9
400.00
.717
–48.9
7.279
132.9
.062
63.9
.804
–23.5
500.00
.655
–56.8
6.780
125.5
.075
63.9
.764
–26.7
600.00
.577
–65.5
6.061
118.0
.084
60.0
.708
–29.7
700.00
.518
–71.2
5.504
112.8
.091
59.7
.685
–31.1
800.00
.468
–78.1
5.074
106.7
.098
57.0
.639
–32.0
900.00
.420
–83.7
4.632
102.8
.102
59.0
.611
–32.8
1000.00
.380
–90.6
4.340
98.3
.105
56.6
.592
–35.0
1100.00
.344
–94.8
3.951
94.8
.112
57.8
.579
–34.1
1200.00
.321
–101.6
3.717
90.5
.121
59.0
.551
–35.0
1300.00
.291
–105.9
3.485
87.6
.128
58.7
.532
–35.9
1400.00
.273
–111.7
3.306
84.3
.135
59.8
.535
–36.6
1500.00
.250
–117.2
3.134
80.7
.140
58.0
.511
–37.5
1600.00
.228
–122.4
2.959
79.0
.145
59.5
.516
–37.7
1700.00
.219
–128.5
2.819
76.0
.153
59.0
.504
–39.0
1800.00
.199
–135.3
2.699
73.9
.161
58.4
.493
–39.9
1900.00
.193
–139.6
2.572
71.9
.163
60.3
.489
–41.4
2000.00
.182
–146.9
2.474
68.3
.175
59.8
.482
–41.4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com