Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4228 Datasheet(PDF) 6 Page - NEC

Part # 2SC4228
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4228 Datasheet(HTML) 6 Page - NEC

  2SC4228 Datasheet HTML 1Page - NEC 2SC4228 Datasheet HTML 2Page - NEC 2SC4228 Datasheet HTML 3Page - NEC 2SC4228 Datasheet HTML 4Page - NEC 2SC4228 Datasheet HTML 5Page - NEC 2SC4228 Datasheet HTML 6Page - NEC 2SC4228 Datasheet HTML 7Page - NEC 2SC4228 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC4228
6
S-PARAMETER
VCE = 3 V, IC = 1 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
1.023
–7.6
3.505
172.1
.025
86.4
.995
–4.6
200.00
.983
–16.1
3.400
163.3
.039
79.3
.986
–7.8
300.00
.975
–22.4
3.368
157.3
.061
74.6
.976
–12.8
400.00
.922
–31.8
3.219
149.1
.075
70.7
.936
–15.1
500.00
.899
–36.9
3.186
143.3
.093
66.4
.922
–18.8
600.00
.849
–44.7
3.046
135.7
.105
62.2
.885
–22.5
700.00
.812
–50.6
2.905
131.1
.113
61.7
.880
–24.4
800.00
.774
–57.1
2.830
124.4
.128
55.7
.846
–27.2
900.00
.727
–62.9
2.694
119.2
.134
55.6
.808
–28.8
1000.0
.680
–69.3
2.597
114.1
.146
53.7
.790
–31.8
1100.00
.651
–74.1
2.479
109.3
.146
50.3
.766
–32.8
1200.00
.616
–79.8
2.392
104.8
.155
49.8
.741
–34.9
1300.00
.575
–85.2
2.302
101.1
.155
46.2
.714
–35.9
1400.00
.546
–90.6
2.207
96.0
.160
46.7
.708
–36.8
1500.00
.512
–95.8
2.110
92.1
.168
43.6
.685
–38.4
1600.00
.481
–100.6
2.034
88.8
.165
45.5
.676
–40.1
1700.00
.463
–106.3
1.989
85.5
.176
45.3
.667
–41.8
1800.00
.440
–111.8
1.903
82.2
.173
43.8
.649
–42.3
1900.00
.419
–116.4
1.854
78.9
.174
43.5
.633
–44.2
2000.00
.394
–121.2
1.779
75.5
.173
43.7
.630
–45.2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com