Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4228 Datasheet(PDF) 1 Page - NEC

Part # 2SC4228
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4228 Datasheet(HTML) 1 Page - NEC

  2SC4228 Datasheet HTML 1Page - NEC 2SC4228 Datasheet HTML 2Page - NEC 2SC4228 Datasheet HTML 3Page - NEC 2SC4228 Datasheet HTML 4Page - NEC 2SC4228 Datasheet HTML 5Page - NEC 2SC4228 Datasheet HTML 6Page - NEC 2SC4228 Datasheet HTML 7Page - NEC 2SC4228 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1993
DATA SHEET
SILICON TRANSISTOR
Document No. P10372EJ2V0DS00 (2nd edition)
(Previous No. TC-2404)
Date Published July 1995 P
Printed in Japan
2SC4228
DESCRIPTION
The 2SC4228 is a low supply voltage transistor designed for VHF,
UHF low noise amplifier.
It is suitable for a high density surface mount assembly since the
transistor has been applied super mini mold package.
This is achieved by direct nitride passivated base surface process
(NESATTM process) which is an NEC proprietary fabrication technique.
FEATURES
•
High fT
: 8.0 GHz TYP. (@ VCE = 3 V, IC = 5 mA, f = 2 GHz)
•
Low Cre
: 0.3 pF TYP. (@ VCB = 3 V, IE = 0, f = 1 MHz)
•
High |S21e|2 : 7.5 dB TYP. (@ VCE = 3 V, IC = 5 mA, f = 2 GHz)
•
Super Mini Mold Package. (EIAJ: SC-70)
ORDERING INFORMATION
PART
QUANTITY
PACKING STYLE
NUMBER
2SC4228-T1
3 kpcs/Reel.
Embossed tape 8 mm wide.
Pin3 (Collector) face to perforation side
of the tape.
2SC4228-T2
3 kpcs/Reel.
Embossed tape 8 mm wide.
Pin1 (Emitter), Pin2 (Base) face to
perforation side of the tape.
*
Please contact with responsible NEC person, if you require evaluation
sample. Unit sample quantity shall be 50 pcs. (Part No.: 2SC4228)
HIGH FREQUENCY LOW NOISE AMPLIFIER
NPN SILICON EPITAXIAL TRANSISTOR
SUPER MINI MOLD
1.25 ± 0.1
2.1 ± 0.1
2
1
3
Marking
PACKAGE DIMENSIONS
in millimeters
PIN CONNECTIONS
1.
2.
3.
Emitter
Base
Collector


Similar Part No. - 2SC4228

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4228 RENESAS-2SC4228 Datasheet
202Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR
logo
California Eastern Labs
2SC4228 CEL-2SC4228 Datasheet
866Kb / 6P
NPN EPITAXIAL SILICON RF TRANSISTOR
logo
Inchange Semiconductor ...
2SC4228 ISC-2SC4228 Datasheet
304Kb / 2P
isc Silicon NPN RF Transistor
logo
Renesas Technology Corp
2SC4228 RENESAS-2SC4228_15 Datasheet
202Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN SUPER MINIMOLD
logo
Inchange Semiconductor ...
2SC4228 ISC-2SC4228_V01 Datasheet
304Kb / 2P
isc Silicon NPN RF Transistor
More results

Similar Description - 2SC4228

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2351 NEC-2SC2351 Datasheet
30Kb / 4P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC4226 NEC-2SC4226 Datasheet
56Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4227 NEC-2SC4227 Datasheet
50Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4954 NEC-2SC4954 Datasheet
48Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC4955 NEC-2SC4955 Datasheet
44Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC4958 NEC-2SC4958 Datasheet
46Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4959 NEC-2SC4959 Datasheet
47Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC5011 NEC-2SC5011 Datasheet
52Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5013 NEC-2SC5013 Datasheet
52Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5015 NEC-2SC5015 Datasheet
51Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com