Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4536 Datasheet(PDF) 3 Page - NEC

Part # 2SC4536
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4536 Datasheet(HTML) 3 Page - NEC

  2SC4536 Datasheet HTML 1Page - NEC 2SC4536 Datasheet HTML 2Page - NEC 2SC4536 Datasheet HTML 3Page - NEC 2SC4536 Datasheet HTML 4Page - NEC 2SC4536 Datasheet HTML 5Page - NEC 2SC4536 Datasheet HTML 6Page - NEC 2SC4536 Datasheet HTML 7Page - NEC 2SC4536 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
2SC4536
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
IC-Collector Current-mA
5
100
50
10
300
0.5
0.2
1
5
10
VCE = 10 V
FEED-BACK CAPACIATNCE vs.
COLLECTOR TO BASE VOLTAGE
VCB-Collector to Base Voltage-V
1
5
10
30
0.2
0.5
1.0
5.0
f = 1 MHz
IE = 0
VCE = 10 V
f = 1 GHz
INSERTION POWER GAIN, MAXIMUM POWER GAIN AND
MAXIMUM AVAILABLE GAIN vs. COLLECTOR CURRENT
IC-Collector Current-mA
10
50
100
300
2
0
4
6
8
10
INSERTION POWER GAIN, MAXIMUM POWER GAIN AND
MAXIMUM AVAILABLE GAIN vs. FREQUENCY
|S21e|2
Gmax(u)
MAG
VCE = 10 V
IC = 50 mA
f-Frequency-GHz
0.1
0.5
1
3
2
0
10
20
|S21e|2
Gmax(u)
MAG



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com