Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4536 Datasheet(PDF) 1 Page - NEC

Part # 2SC4536
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4536 Datasheet(HTML) 1 Page - NEC

  2SC4536 Datasheet HTML 1Page - NEC 2SC4536 Datasheet HTML 2Page - NEC 2SC4536 Datasheet HTML 3Page - NEC 2SC4536 Datasheet HTML 4Page - NEC 2SC4536 Datasheet HTML 5Page - NEC 2SC4536 Datasheet HTML 6Page - NEC 2SC4536 Datasheet HTML 7Page - NEC 2SC4536 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
SILICON TRANSISTOR
2SC4536
MICROWAVE LOW NOISE AMPLIFIER
NPN SILICON EPITAXIAL
TRANSISTOR
DATA SHEET
Document No. P10369EJ2V1DS00 (2nd edition)
Date Published March 1997 N
Printed in Japan
1994
©
DESCRIPTION
The 2SC4536 is designed for use in middle power, low distortion low
noise figure RF amplifier. It features excellent linearity and large dynamic
range, which make it suitable for CATV, telecommunication, and other use,
it employs plastic surface mount type package (SOT-89).
FEATURES
• Low Distortion
IM2 = 57.5 dB TYP. @ VCE = 10 V, IC = 50 mA
IM3 = 82 dB TYP.
@ VCE = 10 V, IC = 50 mA
• Low Noise
NF = 1.5 dB TYP.
@ VCE = 10 V, IC = 10 mA, f = 1 GHz
• Power Mini Mold Package Used.
High Power Dissipation.
ABSOLUTE MAXIMUM RATINGS (TA = 25
C)
Maximum Voltage and Current (TA = 25
C)
Collector to Base Voltage
VCBO
30
V
Collector to Emitter Voltage
VCEO
15
V
Emitter to Base Voltage
VEBO
3.0
V
Collector Current
IC
250
mA
Maximum Power Dissipation
Total Power Dissipation
at 25
C Ambient Temperature PT*
2.0
W
Maximum Temperatures
Junction Temperature
Tj
150
C
Storage Temperature Range
Tstg
65 to +150
C
* 0.7 mm
 16 cm2 double sided ceramic substrate. (Copper plating)
PACKAGE DIMENSIONS
(Unit: mm)
Term, Connection
E
C
B
(SOT-89)
: Emitter
: Collector (Fin)
: Base
0.41
−0.03
+0.05
0.47
±0.06
0.42±0.06
0.42
±0.06
4.5±0.1
1.6±0.2
3.0
EB
C
1.5
1.5±0.1


Similar Part No. - 2SC4536

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4536 RENESAS-2SC4536 Datasheet
181Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR
logo
California Eastern Labs
2SC4536 CEL-2SC4536 Datasheet
640Kb / 10P
NPN MEDIUM POWER MICROWAVE TRANSISTOR
logo
Inchange Semiconductor ...
2SC4536 ISC-2SC4536 Datasheet
375Kb / 3P
isc Silicon NPN RF Transistor
logo
Renesas Technology Corp
2SC4536-A RENESAS-2SC4536-A Datasheet
137Kb / 2P
RF & Microwave device
2SC4536-T1 RENESAS-2SC4536-T1 Datasheet
181Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR
More results

Similar Description - 2SC4536

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2148 NEC-2SC2148 Datasheet
52Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC3356 NEC-2SC3356 Datasheet
102Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER(NPN SILICON EPITAXIAL TRANSISTOR)
2SC3582 NEC-2SC3582 Datasheet
99Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC5195 NEC-2SC5195 Datasheet
63Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC3583 RENESAS-2SC3583 Datasheet
321Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC4094 RENESAS-2SC4094 Datasheet
323Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC4095 RENESAS-2SC4095 Datasheet
329Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA806T RENESAS-UPA806T Datasheet
209Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Leshan Radio Company
L2SC3357 LRC-L2SC3357 Datasheet
309Kb / 2P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC2148 RENESAS-2SC2148 Datasheet
180Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
August 1996
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com