Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4536 Datasheet(PDF) 5 Page - NEC

Part # 2SC4536
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4536 Datasheet(HTML) 5 Page - NEC

  2SC4536 Datasheet HTML 1Page - NEC 2SC4536 Datasheet HTML 2Page - NEC 2SC4536 Datasheet HTML 3Page - NEC 2SC4536 Datasheet HTML 4Page - NEC 2SC4536 Datasheet HTML 5Page - NEC 2SC4536 Datasheet HTML 6Page - NEC 2SC4536 Datasheet HTML 7Page - NEC 2SC4536 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
2SC4536
S-PARAMETER
2SC4536
10V 50 mA
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
1000.00
1100.00
1200.00
1300.00
1400.00
1500.00
1600.00
1700.00
1800.00
1900.00
2000.00
0.455
0.425
0.419
0.422
0.431
0.425
0.445
0.435
0.470
0.442
0.468
0.451
0.477
0.478
0.492
0.490
0.503
0.505
0.512
0.522
139.5
164.6
177.2
175.9
167.7
162.2
155.2
151.7
146.4
142.1
138.1
132.3
129.4
124.2
122.1
116.9
115.8
111.9
109.3
105.4
19.845
10.155
7.482
5.341
4.356
3.612
3.271
2.843
2.497
2.292
2.163
1.982
1.816
1.712
1.701
1.538
1.489
1.399
1.445
1.291
103.5
93.1
86.4
78.5
75.3
71.2
68.1
61.6
58.6
56.5
51.9
48.1
44.4
43.7
38.6
35.7
32.6
32.0
28.2
24.3
0.033
0.057
0.085
0.100
0.125
0.148
0.179
0.194
0.210
0.237
0.270
0.285
0.296
0.315
0.349
0.355
0.375
0.382
0.424
0.414
59.9
65.8
65.7
63.8
67.5
65.7
64.1
60.6
61.2
60.6
57.8
54.6
53.3
53.8
49.7
47.3
44.5
44.9
42.2
39.4
0.359
0.211
0.184
0.173
0.174
0.175
0.176
0.179
0.191
0.186
0.196
0.203
0.220
0.221
0.237
0.230
0.255
0.260
0.276
0.269
92.5
113.9
126.8
138.5
140.9
146.8
150.6
152.4
157.3
157.7
160.9
162.5
165.7
168.8
170.9
172.1
174.8
177.1
178.7
175.9
2SC4536
10V 100 mA
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
1000.00
1100.00
1200.00
1300.00
1400.00
1500.00
1600.00
1700.00
1800.00
1900.00
2000.00
0.458
0.423
0.417
0.422
0.431
0.422
0.445
0.432
0.466
0.440
0.465
0.450
0.472
0.473
0.490
0.485
0.500
0.500
0.509
0.516
145.3
169.1
179.5
173.6
165.5
160.6
153.7
150.5
145.2
140.9
137.1
131.3
128.6
123.5
121.5
116.5
115.0
111.2
108.5
104.9
20.257
10.259
7.545
5.390
4.387
3.633
3.290
2.864
2.514
2.306
2.177
1.994
1.830
1.723
1.713
1.549
1.498
1.411
1.455
1.302
101.0
91.6
85.5
78.0
74.8
70.9
67.8
61.6
58.6
56.5
52.0
48.2
44.6
44.0
38.9
35.9
32.8
32.3
28.4
24.4
0.035
0.059
0.084
0.103
0.126
0.149
0.183
0.197
0.215
0.242
0.274
0.289
0.300
0.321
0.357
0.359
0.379
0.387
0.431
0.418
53.6
71.2
67.2
65.6
68.1
67.1
65.1
60.4
62.6
60.5
57.9
54.6
52.8
53.2
49.2
46.6
44.1
44.6
41.8
38.4
0.333
0.207
0.181
0.179
0.180
0.185
0.185
0.188
0.199
0.195
0.203
0.210
0.228
0.228
0.246
0.234
0.259
0.264
0.279
0.273
100.7
123.1
136.8
147.4
148.8
154.0
157.9
159.2
163.7
163.9
167.3
168.5
170.8
173.3
176.1
178.0
179.9
178.3
176.2
171.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com