Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4536 Datasheet(PDF) 2 Page - NEC

Part # 2SC4536
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4536 Datasheet(HTML) 2 Page - NEC

  2SC4536 Datasheet HTML 1Page - NEC 2SC4536 Datasheet HTML 2Page - NEC 2SC4536 Datasheet HTML 3Page - NEC 2SC4536 Datasheet HTML 4Page - NEC 2SC4536 Datasheet HTML 5Page - NEC 2SC4536 Datasheet HTML 6Page - NEC 2SC4536 Datasheet HTML 7Page - NEC 2SC4536 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
2SC4536
ELECTRICAL CHARACTERISTICS (TA = 25
C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cutoff Current
ICBO
5.0
AVCB = 20 V, IE = 0
Emitter Cutoff Current
IEBO
5.0
AVEB = 2 V, IC = 0
DC Current Gain
hFE
40
200
VCE = 10 V, IC = 50 mA
Insertion Power Gain
S21e2
5.5
7.3
dB
VCE = 10 V, IC = 50 mA, f = 1 GHz
*1
Noise Figure 1
NF1
1.5
dB
VCE = 10 V, IC = 50 mA, f = 500 MHz
*2
Noise Figure 2
NF2
2.0
dB
VCE = 10 V, IC = 50 mA, f = 1 GHz
*2
2nd Intermodulation Distortion
IM2
59.0
dB
VCE = 10 V, IC = 50 mA, RS = RL = 75

Pin = 105 dB
V/75 , f1 = 190 MHz
f2 = 90 MHz, f = f1
 f2
3rd Intermodulation Distortion
IM3
82.0
dB
VCE = 10 V, IC = 50 mA, RS = RL = 75

Pin = 105 dB
V/75 , f1 = 190 MHz
f2 = 200 MHz, f = 2
 f1  f2
*1 Pulsed: PW
 350 s, Duty Cycle  2 %
*2 RS = RL = 50
, untuned
hFE Classification
Class
QQ
QR
QS
Marking
QQ
QR
QS
hFE
40 to 80
60 to 120
100 to 200
TYPICAL CHARACTERISTICS (TA = 25
C)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
VCE-Collector to Emitter Voltage-V
10
20
40
60
80
100
0
20
DC CURRENT GAIN vs.
COLLECTOR CURRENT
IC-Collector Current-mA
10
100
1
0.1
50
10
100
300
1000
IB = 0.6 mA
0.4 mA
0.5 mA
0.3 mA
0.2 mA
0.1 mA
VCE = 10 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com